Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGX-PMT04 Datasheet (PDF) - Infinite Electronics International, Inc.

HGX-PMT04 Datasheet PDF - Infinite Electronics International, Inc.
Part # HGX-PMT04
Download  HGX-PMT04 Download
File Size   284.89 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 4.9 GHz 11 dBi Flat Patch Wireless LAN WiFi Antenna for 802.11a US Homeland Security and

HGX-PMT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
HGX-PMT04 Datasheet PDF - Infinite Electronics International, Inc.

Part # HGX-PMT04
Download  HGX-PMT04 Click to download

File Size   284.89 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 4.9 GHz 11 dBi Flat Patch Wireless LAN WiFi Antenna for 802.11a US Homeland Security and

HGX-PMT04 Datasheet (HTML) - Infinite Electronics International, Inc.


HGX-PMT04 Product details

Applications:  Homeland Security
 Public Safety Services: Fire, Police, Security
 Large Scale WLL
 Personal Area Network (PAN)
 WLAN / Hot Spot
 WLAN / On-Scene Incident Command

Features:  Light weight
 All weather operation
 Compact flat panel design
 Integral SMA-Female connector
 Can be installed for either vertical or horizontal polarization
 Optional Mounting Kits available




Similar Part No. - HGX-PMT04

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HGX-PMT04 L-COM-HGX-PMT04 Datasheet
141Kb / 1P
LARGE METAL TILT-AND-SWIVEL MOUNTING BRACKET
01/17/12
HGX-PMT04 L-COM-HGX-PMT04 Datasheet
304Kb / 3P
HyperLink Wireless brand 5.8 GHz 11 dBi ISM/UNII Band Wireless LAN Flat Patch Antenna
HGX-PMT04 L-COM-HGX-PMT04 Datasheet
330Kb / 3P
HyperLink 2.4 GHz 8 dBi Wireless LAN Flat Patch Antenna
HGX-PMT04 L-COM-HGX-PMT04 Datasheet
103Kb / 3P
HyperLink 2.4 GHz 8 dBi Wireless LAN Round Patch Antenna
HGX-PMT04 L-COM-HGX-PMT04 Datasheet
103Kb / 3P
HyperLink 2.4 GHz 8 dBi Wireless LAN Round Patch Antenna
More results


Similar Description - HGX-PMT04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
Wireless LAN 802.11a/b/g Controller
2004
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
Dual-Band 802.11a-g-n-ac Wireless LAN
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Johanson Technology Inc...
2450AD14A5500T JOHANSON-2450AD14A5500T Datasheet
306Kb / 6P
802.11 Dual Band 2.45/5 GHz Mini Chip Antenna. WiFi, Wireless LAN
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
logo
Qorvo, Inc
RFFM8506 QORVO-RFFM8506 Datasheet
591Kb / 10P
4.9 GHz to 5.85 GHz 802.11a/n/ac WiFi Front End Module
logo
Schneider Electric
HMIYMINWIFI2 SCHNEIDER-HMIYMINWIFI2 Datasheet
97Kb / 2P
Optional interface, Harmony iPC, Wireless LAN Wifi access point 2x antenna
May 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com