Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2412U-PRO Datasheet (PDF) - Infinite Electronics International, Inc.

HG2412U-PRO Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2412U-PRO
Download  HG2412U-PRO Download
File Size   243.64 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless Brand 2.4 GHz Professional 12 dBi Omnidirectional Antenna

HG2412U-PRO Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2412U-PRO Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2412U-PRO
Download  HG2412U-PRO Click to download

File Size   243.64 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless Brand 2.4 GHz Professional 12 dBi Omnidirectional Antenna

HG2412U-PRO Datasheet (HTML) - Infinite Electronics International, Inc.


HG2412U-PRO Product details

Applications
 2.4 GHz ISM band
 IEEE 802.11b, 802.11b, 802.11g and 802.11n
 Point to multi-point applications

Features
 Commercial grade all weather operation
 Center fed collinear array with solid brass
elements
 Heavy-duty steel mounting brackets
 Integral N-Female connector
 Certified Anatel approved for use in Brazil




Similar Part No. - HG2412U-PRO

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2412U-PRO-5PK L-COM-HG2412U-PRO-5PK Datasheet
115Kb / 1P
2.4GHz 12dBi OMNI ANTENNA
10/09/12
More results


Similar Description - HG2412U-PRO

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1027 PULSE-W1027 Datasheet
213Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
W1038M PULSE-W1038M Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
Wireless External Antenna for 2.4 GHz Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com