Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2414DP-3NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG2414DP-3NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2414DP-3NF
Download  HG2414DP-3NF Download
File Size   214.89 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4GHz 14 dBi Dual Polarized Panel Antenna

HG2414DP-3NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2414DP-3NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2414DP-3NF
Download  HG2414DP-3NF Click to download

File Size   214.89 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4GHz 14 dBi Dual Polarized Panel Antenna

HG2414DP-3NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG2414DP-3NF Product details

Features
 MIMO – Multiple-Input and Multiple-Output
 Dual Polarity feed system in single enclosure
 High gain operation
 Three (3) integrated diversity antennas, single package
 UV-resistant radome for all-weather operation

Applications
 2.4 GHz Indoor/Outdoor Wireless LAN systems
 Supports 1x2, 2x2, 2x3, 3x3 MIMO AP/Router
 Supports IEEE 802.11 b/g/n applications
 WiMAX, WISP, WiFi, Communication
 Hospitality, Industrial, Municipality, MTU/MDU




Similar Part No. - HG2414DP-3NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2414DP-090 L-COM-HG2414DP-090 Datasheet
237Kb / 2P
HyperLink Wireless Brand 2.4 GHz 14 dBi 90 Degree Dual Polarized/Dual Feed Sector Panel Antenna - Model: HG2414DP-090
More results


Similar Description - HG2414DP-3NF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51043 PASTERNACK-PE51043 Datasheet
72Kb / 1P
WIFI Panel Antenna 2600 MHz, 14 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 18 dBi
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com