Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2409RD-NFB Datasheet (PDF) - Infinite Electronics International, Inc.

HG2409RD-NFB Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2409RD-NFB
Download  HG2409RD-NFB Download
File Size   117.09 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 9 dBi N-Female Bulkhead Connector, High Performance "Rubber Duck" Wireless LAN Antenna

HG2409RD-NFB Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2409RD-NFB Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2409RD-NFB
Download  HG2409RD-NFB Click to download

File Size   117.09 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 9 dBi N-Female Bulkhead Connector, High Performance "Rubber Duck" Wireless LAN Antenna

HG2409RD-NFB Datasheet (HTML) - Infinite Electronics International, Inc.


HG2409RD-NFB Product details

Applications:  2.4 GHz ISM Band
 IEEE 802.11b, 802.11g Wireless LAN
 IEEE 802.11n (Pre-N, Draft-N, MIMO) Applications
 WiFi Access Points
 Bluetooth®
 Wireless Video Systems
 Multipoint and Mobile Applications

Features:  High Performance - 9 dBi
 Better performance then most stock AP antennas
 Flexible "Rubber Duck" antenna
 Tilt and swivel design
 SMA Male Connector
 RoHS Compliant
 Also available with magnetic mount




Similar Part No. - HG2409RD-NFB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409RD-NM L-COM-HG2409RD-NM Datasheet
119Kb / 2P
2.4 GHz 9 dBi N-Male High Performance "Rubber Duck" Wireless LAN Antenna
More results


Similar Description - HG2409RD-NFB

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com