Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20903 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO20903 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO20903
Download  DIO20903 Download
File Size   2824.34 Kbytes
Page   18 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description  High Voltage, Dual Differential Comparator with Open-Drain Output

DIO20903 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO20903 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO20903
Download  DIO20903 Click to download

File Size   2824.34 Kbytes
Page   18 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description  High Voltage, Dual Differential Comparator with Open-Drain Output

DIO20903 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO20903 Product details

 Features
 Wide supply voltage range: 2.7 V to 36 V
 Open drain output
 Input offset voltage: ±4.5 mV (max.)
 Common mode input voltage range:
 V- to (V+) - 1.5 V
 Low supply current: 125 μA (typ.) per channel
 Low input bias current: 10 pA (typ.) at VCC = 5 V
and VCC = 12 V
 Propagation delay time at VCC = 5 V, overdrive
= 5 mV:
− 2 μs (high-to-low)
− 2.3 μs (low-to-high)
 Applications
 Photovoltaic inverters
 Charging piles
 Single phase UPS
 Server PSU
 Cordless power tool
 Wireless infrastructure
 Applicances
 Building automation
 Factory automation & control
 Motor drives
 Infotainment & cluster
 Description
The DIO20903 is a dual ,high precision comparator
with open-drain output. The device operate over a
wide range of supply voltages from 2.7 V to 36 V, the
current drain is independent of the supply voltage.
The DIO20903 holds a lower input offset voltage
VOS = ±3.5 mV at TA = 25°C), making it suitable for
applications requiring precision. Featuring an
open-drain output stage with an external pull-up
resistor, the output can be connected to other
open-drain outputs to achieve wired-AND logic
relationships.
The DIO20903 is available in the Green SOIC-8,
MSOP-8, DIP-8, TSSOP-8, TSOT23-8 and
DFN2*2-8 packages. It is specified over ambient
temperature range of -40°C to 125°C, which meets
the requirements of industrial applications.




Similar Part No. - DIO20903

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20221SC5 DIOO-DIO20221SC5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20221ST5 DIOO-DIO20221ST5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222MP8 DIOO-DIO20222MP8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222SO8 DIOO-DIO20222SO8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20224CS14 DIOO-DIO20224CS14 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
More results


Similar Description - DIO20903

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7112A NJRC-NJU7112A Datasheet
146Kb / 4P
C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT?
logo
Advanced Linear Devices
ALD2301A ALD-ALD2301A Datasheet
40Kb / 4P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2331 ALD-ALD2331 Datasheet
75Kb / 8P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN OUTPUT DRIVER
logo
ON Semiconductor
NCS3402 ONSEMI-NCS3402 Datasheet
649Kb / 9P
Dual Nano-power Open Drain Output Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
logo
NXP Semiconductors
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
Low voltage comparator; open-drain output
Rev. 5-30 October 2012
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
General Purpose, Low Voltage Comparator with Open-Drain Output
logo
AiT Semiconductor Inc.
AO2903 AITSEMI-AO2903 Datasheet
511Kb / 10P
GENERAL-PURPOSE HIGH-VOLTAGE OPEN-DRAIN OUTPUT DUAL COMPARATOR
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com