Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO60010-A Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO60010-A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO60010-A
Download  DIO60010-A Download
File Size   1690.63 Kbytes
Page   21 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter

DIO60010-A Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO60010-A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO60010-A
Download  DIO60010-A Click to download

File Size   1690.63 Kbytes
Page   21 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter

DIO60010-A Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO60010-A Product details

 Features
 Low RDS(ON) for internal switches (top / bottom)
260 mΩ / 180 mΩ, 1.0 A
 2.5 V ~ 5.5 V input voltage range
 25 μA typical quiescent current
 High switching frequency 1.65 MHz minimizes
the external components
 Operation mode:
DIO60010: Auto mode
DIO60010A: Forced PWM operation
 100% dropout operation
 Output discharge function
 Power-good output
 Fixed frequency COT architecture achieve ultra
fast transient response
 Internal soft start limits the inrush current
 Operating temperature range: -40°C to 85°C
 Applications
 Portable navigation devices
 Set top boxes
 USB dongle
 Media players
 Smart phones
 Description
The DIO60010/A is a high-efficiency synchronous
step-down DC-DC regulator. The DIO60010/A can
achieve up to 1 A continuous output current from a
2.5 V to 5.5 V input voltage with excellent load and
line regulation. The output voltage can be regulated
to as low as 0.6 V.
Constant-on-time(COT) control provides a fast
transient response and eases loop stabilization. The
DIO60010 includes an automatically entered power
save mode to maintain high efficiency down to very
light loads for extending the system battery run-time.
The DIO60010A runs in Forced PWM maintaining a
continuous conduction mode to ensure the least
ripple in the output voltage and a quasi-fixed
switching frequency. The device features a
Power-good signal.
The DIO60010/A is ideal for a wide range of
applications, including portable navigation devices,
set top boxes and media players.




Similar Part No. - DIO60010-A

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6001 DIOO-DIO6001 Datasheet
540Kb / 9P
High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter
Rev 1.4
DIO60011-A DIOO-DIO60011-A Datasheet
1Mb / 17P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.2, Jun 2025
DIO60011AMN6 DIOO-DIO60011AMN6 Datasheet
1Mb / 17P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.2, Jun 2025
DIO60011ASH3 DIOO-DIO60011ASH3 Datasheet
1Mb / 17P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.2, Jun 2025
DIO60011AST6 DIOO-DIO60011AST6 Datasheet
1Mb / 17P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.2, Jun 2025
More results


Similar Description - DIO60010-A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2326 MPS-MP2326 Datasheet
1Mb / 25P
19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com