Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA1101W Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

AA1101W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # AA1101W
Download  AA1101W Download
File Size   162.0 Kbytes
Page   2 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description 1101W Series Standard Type Flat Lens SMT LED

AA1101W Datasheet (PDF)

Go To PDF Page Download Datasheet
AA1101W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # AA1101W
Download  AA1101W Click to download

File Size   162.0 Kbytes
Page   2 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description 1101W Series Standard Type Flat Lens SMT LED

AA1101W Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


AA1101W Product details

Features
Product features
• Outer Dimension 3.0 x 1.5 x 1.5mm ( L x W x H )
• Temperature range
    Storage Temperature : -40℃~ 100℃
    Operating Temperature : -30℃~ 85℃
• Lead–free soldering compatible
• RoHS compliant




Similar Part No. - AA1101W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA1101W ETC1-AA1101W Datasheet
160Kb / 2P
1101W Series Standard Type Flat Lens SMT LED
logo
STANLEY ELECTRIC CO.,LT...
AA1101W STANLEY-AA1101W Datasheet
724Kb / 21P
Single Color 3216 Type
More results


Similar Description - AA1101W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA1101W ETC1-AA1101W Datasheet
160Kb / 2P
1101W Series Standard Type Flat Lens SMT LED
logo
Chicago Miniature Lamp,...
195B125XUC CML-195B125XUC Datasheet
420Kb / 1P
LED Indicator 22mm Standard Bezel White Flat Lens
195B135XUC CML-195B135XUC Datasheet
420Kb / 1P
LED Indicator 22mm Standard Bezel White Flat Lens
195BX25XMUC CML-195BX25XMUC Datasheet
436Kb / 1P
LED Indicator 22mm Standard Bezel White Flat Lens
195BX35XMUC CML-195BX35XMUC Datasheet
436Kb / 1P
LED Indicator 22mm Standard Bezel White Flat Lens
1938X25XM CML-1938X25XM Datasheet
424Kb / 1P
LED Indicator 16mm Standard Bezel with Flat Lens
1941X13XM CML-1941X13XM Datasheet
422Kb / 1P
LED Indicator 16mm Standard Bezel with Flat Lens
1938125X CML-1938125X Datasheet
411Kb / 1P
LED Indicator 16mm Standard Bezel with Flat Lens
1941113X CML-1941113X Datasheet
413Kb / 1P
LED Indicator 16mm Standard Bezel with Flat Lens
1941123X CML-1941123X Datasheet
416Kb / 1P
LED Indicator 16mm Standard Bezel with Flat Lens
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com