Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6431 Datasheet (PDF) - Texas Instruments

ISO6431 Datasheet PDF - Texas Instruments
Part # ISO6431
Download  ISO6431 Download
File Size   2132.11 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO643x General-Purpose, Basic and Reinforced, Triple-Channel Digital Isolators

ISO6431 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO6431 Datasheet PDF - Texas Instruments

Part # ISO6431
Download  ISO6431 Click to download

File Size   2132.11 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO643x General-Purpose, Basic and Reinforced, Triple-Channel Digital Isolators

ISO6431 Datasheet (HTML) - Texas Instruments


ISO6431 Product details

1 Features
• Functional Safety-Capable:
– Documentation available to aid IEC 61508 system design
• Up to 150Mbps data rate
• Robust SiO2 isolation barrier:
– High lifetime at up to 1061VRMS and 1500VDC working voltage
– Up to 5000VRMS isolation rating
– Up to 10.4kV surge capability
– Up to ±200kV/μs minimum CMTI
– Wide temperature range: –40°C to 125°C ambient operating
• Supply range: 2.25V to 5.5V
• Overvoltage Tolerant Inputs
• Default output high ( ISO643x ) and low ( ISO643xF ) options
• Low propagation delay: 10ns maximum at 5V, 12ns maximum at 3.3V
• Supports SPI up to: 25MHz at 5V, 20.8MHz at 3.3V
• Low pulse width distortion: 1.8ns maximum at 5V, 2.2ns maximum at 3.3V
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– Low emissions
• Small Footprint Packages:
– Wide-SSOP (DFP-16) Package
– SSOP (DBQ-16) Package
• Safety-Related Certifications (Planned):
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 and CSA CAS Notice No. 5A
– IEC 62368-1, IEC 61010-1 and GB 4943.1 certifications




Similar Part No. - ISO6431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6431-Q1 TI2-ISO6431-Q1 Datasheet
2Mb / 47P
ISO643x-Q1 General-Purpose, Basic and Reinforced, Triple-Channel Digital Isolators
JUNE 2026
ISO6431DBQRQ1 TI2-ISO6431DBQRQ1 Datasheet
2Mb / 47P
ISO643x-Q1 General-Purpose, Basic and Reinforced, Triple-Channel Digital Isolators
JUNE 2026
ISO6431DFPRQ1 TI2-ISO6431DFPRQ1 Datasheet
2Mb / 47P
ISO643x-Q1 General-Purpose, Basic and Reinforced, Triple-Channel Digital Isolators
JUNE 2026
ISO6431DWRQ1 TI2-ISO6431DWRQ1 Datasheet
2Mb / 47P
ISO643x-Q1 General-Purpose, Basic and Reinforced, Triple-Channel Digital Isolators
JUNE 2026
ISO6431F-Q1 TI2-ISO6431F-Q1 Datasheet
2Mb / 47P
ISO643x-Q1 General-Purpose, Basic and Reinforced, Triple-Channel Digital Isolators
JUNE 2026
More results


Similar Description - ISO6431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_V01 Datasheet
2Mb / 49P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
2Mb / 48P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V01 Datasheet
2Mb / 51P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V02 Datasheet
4Mb / 54P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO7740 TI-ISO7740_V02 Datasheet
2Mb / 52P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO6720-Q1 TI-ISO6720-Q1_V03 Datasheet
4Mb / 58P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Automotive Digital Isolators with Robust EMC
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com