Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFE2325 Datasheet (PDF) - Texas Instruments

JFE2325 Datasheet PDF - Texas Instruments
Part # JFE2325
Download  JFE2325 Download
File Size   1271.64 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description JFE2325 Dual, Low-Power, N-Channel JFET for Electret Microphones

JFE2325 Datasheet (PDF)

Go To PDF Page Download Datasheet
JFE2325 Datasheet PDF - Texas Instruments

Part # JFE2325
Download  JFE2325 Click to download

File Size   1271.64 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description JFE2325 Dual, Low-Power, N-Channel JFET for Electret Microphones

JFE2325 Datasheet (HTML) - Texas Instruments


JFE2325 Product details

1 Features
• Monolithic, matched, N-Channel JFETs
• Self-biased gates for high input impedance (>400GOhm)
• Low input capacitance: 0.85pF per JFET
• Low noise: ˗110dBV(A-wt.) with 5pF input capacitance
• Low VGS mismatch: 30mV (max)
• Low IDSS mismatch: 5% (max)
• High gate-to-drain breakdown voltage: 30V
• Extremely Small Package: 0.8mm × 1mm X2SON




Similar Part No. - JFE2325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JFE2140 TI-JFE2140 Datasheet
1Mb / 28P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N?멌hannel JFET
JFE2140 TI1-JFE2140 Datasheet
2Mb / 33P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N‑Channel JFET
REVISED AUGUST 2023
JFE2140DR TI-JFE2140DR Datasheet
1Mb / 28P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N?멌hannel JFET
JFE2140DR TI1-JFE2140DR Datasheet
2Mb / 33P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N‑Channel JFET
REVISED AUGUST 2023
JFE2140DSGR TI1-JFE2140DSGR Datasheet
2Mb / 33P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N‑Channel JFET
REVISED AUGUST 2023
More results


Similar Description - JFE2325

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
K1109 UTC-K1109 Datasheet
70Kb / 2P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_10 Datasheet
141Kb / 3P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_11 Datasheet
173Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_15 Datasheet
191Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UT108N03 UTC-UT108N03_15 Datasheet
194Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N50K-MT UTC-10N50K-MT Datasheet
192Kb / 5P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N65-C UTC-10N65-C Datasheet
216Kb / 6P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
1N50K-TA UTC-1N50K-TA Datasheet
238Kb / 7P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UF830-F UTC-UF830-F Datasheet
264Kb / 6P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UTT40N08 UTC-UTT40N08 Datasheet
156Kb / 3P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com