Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT08B1 Datasheet (PDF) - STMicroelectronics

M74HCT08B1 Datasheet PDF - STMicroelectronics
Part # M74HCT08B1
Download  M74HCT08B1 Download
File Size   170.06 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT AND GATE

M74HCT08B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT08B1 Datasheet PDF - STMicroelectronics

Part # M74HCT08B1
Download  M74HCT08B1 Click to download

File Size   170.06 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT AND GATE

M74HCT08B1 Datasheet (HTML) - STMicroelectronics


M74HCT08B1 Product details

DESCRIPTION

The M74HCT08 is an high speed CMOS QUAD 2-INPUT AND GATE fabricated with silicon gate C2MOS technology.

The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output.



■ HIGH SPEED:

tPD = 13ns (TYP.) at VCC=4.5V

■ LOW POWER DISSIPATION:

ICC = 1µA(MAX.) at TA=25°C

■ COMPATIBLE WITH TTL OUTPUTS :

VIH = 2V (MIN.) VIL = 0.8V (MAX)

■ BALANCED PROPAGATION DELAYS:

tPLH ≅ tPHL

■ SYMMETRICAL OUTPUT IMPEDANCE:

|IOH| = IOL = 4mA (MIN)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 08




Similar Part No. - M74HCT08B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT08B1 STMICROELECTRONICS-M74HCT08B1 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HCT08B1R STMICROELECTRONICS-M74HCT08B1R Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
More results


Similar Description - M74HCT08B1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com