Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH-DELSS1-22 Datasheet (PDF) - ams-OSRAM AG

CH-DELSS1-22 Datasheet PDF - ams-OSRAM AG
Part # CH-DELSS1-22
Download  CH-DELSS1-22 Download
File Size   1881.63 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description smallest LED footprints

CH-DELSS1-22 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH-DELSS1-22 Datasheet PDF - ams-OSRAM AG

Part # CH-DELSS1-22
Download  CH-DELSS1-22 Click to download

File Size   1881.63 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description smallest LED footprints

CH-DELSS1-22 Datasheet (HTML) - ams-OSRAM AG


CH-DELSS1-22 Product details

Applications
- Vital Sign Monitoring
Features
- Package: white SMT package, colorless clear resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λcentroid = 655 nm (● hyper red)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - CH-DELSS1-22

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CH-DELSS1.22 OSRAM-CH-DELSS1.22 Datasheet
677Kb / 22P
white SMT package, colorless clear resin
More results


Similar Description - CH-DELSS1-22

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
logo
Total Power Internation...
MJWI20 TOTAL-POWER-MJWI20 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
logo
Aries Electronics, Inc.
352000 ARIES-352000 Datasheet
695Kb / 1P
Converts PLCC packaged IC-to-DIP footprints
652000 ARIES-652000 Datasheet
667Kb / 1P
Converts PLCC packaged ICs to DIP footprints
logo
SiTime Corp.
SIT1552 SITIME-SIT1552 Datasheet
727Kb / 11P
Smallest (1.2mm2), Smallest (1.2mm2), Ultra-Low Power, 32.768 kHz
logo
ams AG
KODELMS1.22 AMSCO-KODELMS1.22 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KSDELLS1.22 AMSCO-KSDELLS1.22 Datasheet
1Mb / 24P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KTDELMS1.12 AMSCO-KTDELMS1.12 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.8 2022-11-25
KYDELLS1.22 AMSCO-KYDELLS1.22 Datasheet
1Mb / 24P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.7 2023-05-12
KODELLS1.22 AMSCO-KODELLS1.22 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.8 2023-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com