Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN-DELSS2-27 Datasheet (PDF) - ams-OSRAM AG

CN-DELSS2-27 Datasheet PDF - ams-OSRAM AG
Part # CN-DELSS2-27
Download  CN-DELSS2-27 Download
File Size   1894.08 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description FIREFLY™ E1608

CN-DELSS2-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
CN-DELSS2-27 Datasheet PDF - ams-OSRAM AG

Part # CN-DELSS2-27
Download  CN-DELSS2-27 Click to download

File Size   1894.08 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description FIREFLY™ E1608

CN-DELSS2-27 Datasheet (HTML) - ams-OSRAM AG


CN-DELSS2-27 Product details

Applications
- Appliances & tools
- Digital diagnostic devices
- Rain light tunnel sensing
- Vital sign monitoring
Features
- Package: white SMT package, colorless clear resin
- Chip technology: IR Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λcentroid = 850 nm (● infrared (850 nm))
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)




Similar Part No. - CN-DELSS2-27

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
CN-DELSS1-27 AMSOSRAM-CN-DELSS1-27 Datasheet
1Mb / 22P
smallest LED footprints
Version 1.0 2025-09-23
More results


Similar Description - CN-DELSS2-27

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWV18G OSRAM-LWV18G Datasheet
604Kb / 16P
FIREFLY White Hyper-Bright LED
LTVH9G OSRAM-LTVH9G Datasheet
694Kb / 21P
FIREFLY 0402
LRVH9F OSRAM-LRVH9F Datasheet
684Kb / 21P
FIREFLY
CTDELSS1.12 OSRAM-CTDELSS1.12 Datasheet
694Kb / 22P
FIREFLY E1608
KTDELQS1.12 OSRAM-KTDELQS1.12 Datasheet
690Kb / 22P
TOPLED E1608
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com