Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7394VC3 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU7394VC3 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU7394VC3
Download  NJU7394VC3 Download
File Size   204.16 Kbytes
Page   15 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Pushbutton Interface EVR

NJU7394VC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7394VC3 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU7394VC3
Download  NJU7394VC3 Click to download

File Size   204.16 Kbytes
Page   15 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Pushbutton Interface EVR

NJU7394VC3 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU7394VC3 Product details

FEATURES
• Operating Voltage +2.7 to +5.5V
• Low operating current 2mA typ. (Active mode)
1μA typ. (stand-by mode)
• Pop-noise reduction
• Quasi-differential input
• Pushbutton interface EVR +6 to -62dB, MUTE
• Adjustable initial Volume -6dB, -10dB, -14dB, -18dB
• Attenuator / Soft MUTE Function -10dB, -15dB, -20dB, MUTE
• CMOS Technology
• Package Outline SSOP20-C3




Similar Part No. - NJU7394VC3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7394 NJRC-NJU7394 Datasheet
213Kb / 16P
Pushbutton Interface EVR
More results


Similar Description - NJU7394VC3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7305 NJRC-NJU7305 Datasheet
251Kb / 8P
7-BAND EVR FOR GRAPHIC EQUALIZER
NJM2172 NJRC-NJM2172 Datasheet
206Kb / 16P
OPERATIONAL AMPLIFIER WITH EVR
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
Audio Processor with Pushbutton Interface
Rev 0; 5/06
MAX5486 MAXIM-MAX5486 Datasheet
221Kb / 16P
Stereo Volume Control with Pushbutton Interface
Rev 0; 11/06
logo
New Japan Radio
NJU7392 NJRC-NJU7392 Datasheet
104Kb / 3P
2ch Pushbutton Interface EVR with eala Stereo Expander
NJU7394 NJRC-NJU7394 Datasheet
213Kb / 16P
Pushbutton Interface EVR
NJU8790 NJRC-NJU8790 Datasheet
361Kb / 15P
Pushbutton Interface EVR with Class D Stereo Power Amplifier
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
logo
Pepperl+Fuchs Inc.
VAA-LT2-G1 PF-VAA-LT2-G1 Datasheet
207Kb / 2P
AS-Interface pushbutton module
2019-01-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com