Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9042D Datasheet (PDF) - Texas Instruments

TLV9042D Datasheet PDF - Texas Instruments
Part # TLV9042D
Download  TLV9042D Download
File Size   3525.18 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications

TLV9042D Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9042D Datasheet PDF - Texas Instruments

Part # TLV9042D
Download  TLV9042D Click to download

File Size   3525.18 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications

TLV9042D Datasheet (HTML) - Texas Instruments


TLV9042D Product details

1 Features
• Wide gain bandwidth product: 3.1MHz
• Low quiescent current: 16μA/ch
• Operational from supply voltage as low as 1.2V
• Low integrated noise (0.1Hz - 10Hz): 4.5μVp-p
• Low input offset voltage: ±0.5mV
• Low input bias current: 1pA
• Rail-to-rail input and output
• Decompensated, gain ≥ 10V/V (stable)
• Integrated RFI and EMI filters
• Extended industrial temperature range: –40°C to 125°C
• For unity gain stable version, see: TLV9041, TLV9042, TLV9044




Similar Part No. - TLV9042D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9042D TI2-TLV9042D Datasheet
2Mb / 40P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
DECEMBER 2025
TLV9042D TI2-TLV9042D Datasheet
2Mb / 43P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
DECEMBER 2025
TLV9042D TI2-TLV9042D Datasheet
2Mb / 45P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
REVISED MARCH 2026
TLV9042DDGKR TI2-TLV9042DDGKR Datasheet
2Mb / 40P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
DECEMBER 2025
TLV9042DDGKR TI2-TLV9042DDGKR Datasheet
2Mb / 43P
TLV904xD 3.1MHz, 16μA Micro-Power, 1.2V Low Voltage, Decompensated RRIO Amplifier for Power Conscious Applications
DECEMBER 2025
More results


Similar Description - TLV9042D

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
DS14C232J ROCHESTER-DS14C232J Datasheet
630Kb / 1P
LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
Texas Instruments
TLV9042 TI1-TLV9042 Datasheet
943Kb / 25P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI1-TLV9042_V01 Datasheet
944Kb / 25P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI1-TLV9042_V02 Datasheet
1Mb / 28P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI-TLV9042_V03 Datasheet
4Mb / 54P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041 Datasheet
4Mb / 62P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041_V01 Datasheet
5Mb / 63P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041_V02 Datasheet
5Mb / 67P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
REVISED AUGUST 2021
TLV9041 TI-TLV9041_V03 Datasheet
5Mb / 61P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
MARCH 2022
TLV9041 TI-TLV9041_V04 Datasheet
5Mb / 72P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
MARCH 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com