Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT3011 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT3011 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT3011
Download  FMMT3011 Download
File Size   711.24 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-12 Waveguide Power Detector, E Band, 60 GHz to 90 GHz, Positive Output Voltage Polarity, UG- 387/U Flange

FMMT3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT3011 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT3011
Download  FMMT3011 Click to download

File Size   711.24 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-12 Waveguide Power Detector, E Band, 60 GHz to 90 GHz, Positive Output Voltage Polarity, UG- 387/U Flange

FMMT3011 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT3011 Product details

Features
• Voltage Polarity. Impressive typical performacne includes Video Sensitivity of
• 800 mV/mW with +/- 2dB flatness, Tangential Sensitivity of -50 dBm, Input
• Dynamic Range of -55 dBm to +10 dBm, and Detection Speed Rise Time of 5
• nsec. Maximum input power handling is +17 dBm. The rugged and small size
• Brass package design is gold plated and supports a UG-387/U waveguide flange
• pattern at RF input and output ports. The DC output port uses an SMA Female
• connector. The module operates across a temperature range from 0°C to +50°C.
Features
• WR-12 Waveguide
• Power Detector
• 60 GHz to 90 GHz
• Ka Band
• Positive Output Voltage Polarity
• Voltage Sensitivity 800 mV/mW
• Sensitivity Flatness +/- 2dB typ
• Tangential Sensitivity
• -50 dBm typ
• Input Dynamic Range
• -55 dBm to +10 dBm
• Detection Speed Rise
• Time 5 nsec typ
• Max RF Input Power +17 dBm
• 50 Ohm Design
• RF Input and Output
• Waveguide Flange UG-387/U
• SMA Female DC Output Port
• Operational Temperature
• Range -0°C to +50°C
• Rugged and Compact Brass
• Gold Plated Package Design
• Applications:
• Test & Measurement
• Military & Commercial
• Communications
• Military Electronic Systems
• Research & Development




Similar Part No. - FMMT3011

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT3010 FAIRVIEW-FMMT3010 Datasheet
712Kb / 3P
WR-15 Waveguide Power Detector, V Band, 50 GHz to 75 GHz, Positive Output Voltage Polarity, UG- 385/U Flange
REV 1A
FMMT3012 FAIRVIEW-FMMT3012 Datasheet
614Kb / 3P
WR-10 Waveguide Power Detector, W Band, 75 GHz to 110 GHz, Positive Output Voltage Polarity, UG- 387/U-M Flange
REV 1.1A
More results


Similar Description - FMMT3011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W12B001 PASTERNACK-PE-W12B001 Datasheet
342Kb / 2P
WR-12 Instrumentation Grade Waveguide E-Bend with UG-387-U Flange Operating from 60 GHz to 90 GHz
PE-W12S001-12 PASTERNACK-PE-W12S001-12 Datasheet
352Kb / 2P
WR-12 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-387/U Flange Operating from 60 GHz to 90 GHz
PE15A4023 PASTERNACK-PE15A4023 Datasheet
448Kb / 5P
WR-12, Waveguide Power Amplifier, E Band, 70.5 GHz to 76.5 GHz, 25 dB Gain, 22 dBm Psat, UG-387 - U Flange
PE15A4024 PASTERNACK-PE15A4024 Datasheet
437Kb / 5P
WR-12, Waveguide Power Amplifier, E Band, 80.5 GHz to 86.5 GHz, 20 dB Gain, 19 dBm Psat, UG-387 - U Flange
PEWMT1001 PASTERNACK-PEWMT1001 Datasheet
514Kb / 3P
WR-12 Waveguide Magic Tee, UG-387/U Round Cover Flange Operating from 60 GHz to 90 GHz
PE-W12CA001 PASTERNACK-PE-W12CA001 Datasheet
407Kb / 4P
WR-12 UG-387/U Round Cover Flange to 1.0mm Female Waveguide to Coax Adapter Operating From 60 GHz to 90 GHz, E Band
PE-W12CA002 PASTERNACK-PE-W12CA002 Datasheet
403Kb / 4P
WR-12 UG-387/U Round Cover Flange to 1.0mm Male Waveguide to Coax Adapter Operating From 60 GHz to 90 GHz, E Band
PE-W12TW1001 PASTERNACK-PE-W12TW1001 Datasheet
405Kb / 3P
WR-12 90 Degree Waveguide Twist With a UG-387/U Flange Operating From 60 GHz to 90 GHz
PE-W12TW1002 PASTERNACK-PE-W12TW1002 Datasheet
413Kb / 3P
WR-12 45 Degree Left-hand Waveguide Twist With a UG-387/U Flange Operating From 60 GHz to 90 GHz
PEWAD5001 PASTERNACK-PEWAD5001 Datasheet
367Kb / 3P
WR-12 Waveguide Bulkhead Adapter UG-387/U Round Cover Flange, 60 GHz to 90 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com