Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT6020 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT6020 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT6020
Download  FMMT6020 Download
File Size   673.33 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Tunnel Diode Detector, 6 GHz to 12 GHz, SMA, Nega­ tive Video Out, 17 dBm max Pin, 5 nsec Pulse Rise­ time

FMMT6020 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT6020 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT6020
Download  FMMT6020 Click to download

File Size   673.33 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Tunnel Diode Detector, 6 GHz to 12 GHz, SMA, Nega­ tive Video Out, 17 dBm max Pin, 5 nsec Pulse Rise­ time

FMMT6020 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT6020 Product details

Features
• Germanium (Ge) planar construction and operates over a broadband frequency
Features
• output resistance of 125 ohms typical, and an extremely fast pulse response
Features
• range with very efficient low level RF signal detection, wide video bandwidth, and
• excellent loaded voltage output sensitivity. The Detector exhibits an extremely
• stable and flat Negative Output Polarity response across a wide frequency band
• and has excellent temperature stability across an operating temperature range of
• -65°C to +115°C. Maximum CW input power handling is +17 dBm. The compact
Features
• Video output connector.
Features
• Tunnel Diode Detector
• Rugged Germanium (Ge)
• Planar Construction
• Broadband Frequency:
• 0.1 to 2 GHz
• Zero Bias Design
• Negative Video Output
• Operational Temperature:
• -65°C to +115°C
• Extremely Fast Pulse Video
• Response: 5 nsec typ. risetime
• Max CW Input Power +17 dBm
• Extremely Low Video
• Resistance: 125 ohms typical
• SMA Male RF Input and SMA
• Female Video Output Connectors
• Excellent Temperature Stability
• Excellent Dynamic Range
• with Very Efficient Low
• Level Signal Detection
• Excellent Loaded Voltage
• Output Sensitivity
• Applications:
• Transmitter Monotoring
• Radar Equipment
• Missile Guidance Systems
• Input to Low Noise Amplifiers
• ECM Receivers
• Power and Signal Monitors
• Doppler Radar and
• Beacon Receivers
• Test & Measurement
• Pulse Applications




Similar Part No. - FMMT6020

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT6025 FAIRVIEW-FMMT6025 Datasheet
673Kb / 5P
Tunnel Diode Detector, 18 GHz to 26 GHz, SMA, Posi­ tive Video Out, 17 dBm max Pin, 5 nsec Pulse Rise­ time
REV 1
FMMT6027 FAIRVIEW-FMMT6027 Datasheet
306Kb / 3P
2.92mm Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Negative Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Radial
REV A
FMMT6028 FAIRVIEW-FMMT6028 Datasheet
332Kb / 3P
SMA Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Positive Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Square
REV A
FMMT6029 FAIRVIEW-FMMT6029 Datasheet
330Kb / 3P
SMA Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Negative Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Square
REV A
More results


Similar Description - FMMT6020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8002 PASTERNACK-PE8002 Datasheet
244Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8004 PASTERNACK-PE8004 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 4 GHz to 8 GHz
PE8005 PASTERNACK-PE8005 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8005-P PASTERNACK-PE8005-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8006 PASTERNACK-PE8006 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8006-P PASTERNACK-PE8006-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8009-P PASTERNACK-PE8009-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com