Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WXC304 Datasheet (PDF) - Wavelength Electronics, Inc.

WXC304 Datasheet PDF - Wavelength Electronics, Inc.
Part # WXC304
Download  WXC304 Download
File Size   3709.27 Kbytes
Page   31 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Laser Diode Driver & Evaluation Board

WXC304 Datasheet (PDF)

Go To PDF Page Download Datasheet
WXC304 Datasheet PDF - Wavelength Electronics, Inc.

Part # WXC304
Download  WXC304 Click to download

File Size   3709.27 Kbytes
Page   31 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Laser Diode Driver & Evaluation Board

WXC304 Datasheet (HTML) - Wavelength Electronics, Inc.


WXC304 Product details

FEATURES AND BENEFITS
• Low cost
• Slow-start laser diode protection
• Drive up to 3 A output current
• Constant Current or Constant Power operation
• Compatible with any laser diode type
• Small package size (1.3” × 1.26” × 0.3”)
• Voltage-controlled setpoint
• TTL-compatible shutdown pin
• Adjustable current limit
• Adjustable current range
• 2 MHz Constant Current bandwidth
• Over-temperature shutdown
• 14-pin DIP PCB mount




Similar Part No. - WXC304

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WXC ETC2-WXC Datasheet
52Kb / 1P
Bipolar Process
logo
NIHON DEMPA KOGYO
WXC43Z1486FE NDK-WXC43Z1486FE Datasheet
264Kb / 1P
SAW Device
WXC44Z1503FF NDK-WXC44Z1503FF Datasheet
264Kb / 1P
SAW Device
WXC90Z2132FE NDK-WXC90Z2132FE Datasheet
264Kb / 1P
SAW Device
More results


Similar Description - WXC304

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
logo
Analog Technologies, In...
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
456Kb / 7P
Low Noise Laser Driver ATLS1A103D Evaluation Board Rev. 1.0
1/25/2022
ATLS201DEV1.0 ANALOGTECHNOLOGIES-ATLS201DEV1.0 Datasheet
673Kb / 6P
Constant Current Laser Driver ATLS201D Evaluation board Rev. 1.0
1/25/2022
ATLS202DEV1.0 ANALOGTECHNOLOGIES-ATLS202DEV1.0 Datasheet
748Kb / 6P
Constant Current Laser Driver ATLS202D Evaluation board Rev. 1.0
1/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com