Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65115A2368 Datasheet (PDF) - ams-OSRAM AG

Q65115A2368 Datasheet PDF - ams-OSRAM AG
Part # Q65115A2368
Download  Q65115A2368 Download
File Size   2289.03 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ Square Essential

Q65115A2368 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q65115A2368 Datasheet PDF - ams-OSRAM AG

Part # Q65115A2368
Download  Q65115A2368 Click to download

File Size   2289.03 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ Square Essential

Q65115A2368 Datasheet (HTML) - ams-OSRAM AG


Q65115A2368 Product details

Applications
- Entertainment
- Indoor lighting
- Outdoor & industrial lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 6500K
- CRI: 80 (min.), 82 (typ.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: 316 lm @ 3000 K, 85 °C
- Luminous efficacy: 160 lm/W @ 3000 K, 85 °C





Similar Part No. - Q65115A2368

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
Q65115A2377 AMSOSRAM-Q65115A2377 Datasheet
2Mb / 92P
8-channel LED/VCSEL driver with enhanced safety features
2026-Apr-01
More results


Similar Description - Q65115A2368

ManufacturerPart #DatasheetDescription
logo
Energizer
KPR104 ENERGIZER-KPR104 Datasheet
30Kb / 1P
Essential??Torches
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
logo
SparkFun Electronics
TOL-15256 SPARKFUN-TOL-15256 Datasheet
149Kb / 2P
iFixit Essential Electronics Toolkit
5????9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com