Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65113A9888 Datasheet (PDF) - ams-OSRAM AG

Q65113A9888 Datasheet PDF - ams-OSRAM AG
Part # Q65113A9888
Download  Q65113A9888 Download
File Size   2042.56 Kbytes
Page   25 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS® E 2835

Q65113A9888 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q65113A9888 Datasheet PDF - ams-OSRAM AG

Part # Q65113A9888
Download  Q65113A9888 Click to download

File Size   2042.56 Kbytes
Page   25 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS® E 2835

Q65113A9888 Datasheet (HTML) - ams-OSRAM AG


Q65113A9888 Product details

Applications
- Indoor Lighting
Features
- Package: white SMT package, colored diffused silicone resin
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 90 (min.), 92 (typ.), R9: 50 (min.)
- Lumen maintenance: Test results according to IESNA LM-80 available
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 70.8 lm @ 4000 K
- Luminous efficacy: typ. 165 lm/W @ 4000 K
- Luminous efficacy @ 65mA: typ. 180 lm/W @ 4000K





Similar Part No. - Q65113A9888

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
Q65113A9880 AMSOSRAM-Q65113A9880 Datasheet
2Mb / 25P
DURIS™ E 2835
Version 1.6 2025-12-22
Q65113A9881 AMSOSRAM-Q65113A9881 Datasheet
2Mb / 25P
DURIS™ E 2835
Version 1.6 2025-12-22
Q65113A9882 AMSOSRAM-Q65113A9882 Datasheet
2Mb / 25P
DURIS™ E 2835
Version 1.6 2025-12-22
Q65113A9883 AMSOSRAM-Q65113A9883 Datasheet
2Mb / 25P
DURIS™ E 2835
Version 1.6 2025-12-22
Q65113A9884 AMSOSRAM-Q65113A9884 Datasheet
2Mb / 25P
DURIS™ E 2835
Version 1.6 2025-12-22
More results


Similar Description - Q65113A9888

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Bridgelux, Inc.
SMD2835 BRIDGELUX-SMD2835 Datasheet
1Mb / 23P
Bridgelux® SMD 2835 0.2W 3V
Rev. B
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
logo
Lapp.
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
61802305 LAPP-61802305 Datasheet
102Kb / 1P
SILVYN® LTP-E
03.07.2018
logo
SIKA BUILDING TRUST
MONOGRIS-E SIKA-MONOGRIS-E Datasheet
695Kb / 4P
Parex® MONOGRIS E
December 2021, Version 01.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com