Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1240 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW1240 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW1240
Download  NJW1240 Download
File Size   229.83 Kbytes
Page   12 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 5Vrms Ground Referenced 6-Channel Line Amplifier

NJW1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW1240 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW1240
Download  NJW1240 Click to download

File Size   229.83 Kbytes
Page   12 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 5Vrms Ground Referenced 6-Channel Line Amplifier

NJW1240 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW1240 Product details

FEATURES
 Operating Voltage +6 to +10V
 Operating Current IDD=15mA typ.
at V+=8V, RL=47kΩ, No Signal
 Maximum Output Voltage 5.0Vrms min.
 Low Distortion 0.0008% typ
 Low Output Noise -102dB typ.
 Output Coupling Capacitor-less
 External Synchronizing Divide-by-2
 Pop Noise Suppression Circuit
 External Mute
 Gain Select +6dB/+8.3dB
 RF Immunity OpAmp tolerant to FR noise. (ex. mobile phone)
 Bi-CMOS Technology
 Package Outline SSOP32




Similar Part No. - NJW1240

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1240 NJRC-NJW1240 Datasheet
235Kb / 12P
5Vrms Ground Referenced 6-Channel Line Amplifier
NJW1240V NJRC-NJW1240V Datasheet
235Kb / 12P
5Vrms Ground Referenced 6-Channel Line Amplifier
More results


Similar Description - NJW1240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
New Japan Radio
NJU72010 NJRC-NJU72010 Datasheet
204Kb / 15P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72011 NJRC-NJU72011 Datasheet
205Kb / 15P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
Ground Referenced Stereo Headphone Amplifier
logo
Analog Devices
SSM2932 AD-SSM2932 Datasheet
395Kb / 16P
High Efficiency, Ground-Referenced
REV. 0
logo
New Japan Radio
NJU72013 NJRC-NJU72013 Datasheet
174Kb / 10P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72014 NJRC-NJU72014 Datasheet
179Kb / 10P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJW1240 NJRC-NJW1240 Datasheet
235Kb / 12P
5Vrms Ground Referenced 6-Channel Line Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com