| Manufacturer | Part # | Datasheet | Description |
 Banner Engineering Corp... |
K50
|
393Kb / 4P |
EZ-LIGHT짰 K50 Rotating and Strobing Beacon
|
 Schneider Electric |
XVR13M05L
|
158Kb / 4P |
Harmony XVR, Rotating beacon, 횠130, orange, without buzzer, 230 V AC
May 24, 2021 |
|
XVR12J03
|
152Kb / 4P |
Rotating beacon, 120 mm, green, without buzzer, 12 V AC DC
May 24, 2021 |
|
XVR10J06
|
122Kb / 4P |
Rotating beacon, 106 mm, blue, without buzzer, 12 V AC DC
May 24, 2021 |
|
XVR08J06
|
123Kb / 4P |
Rotating beacon, 84 mm, blue, without buzzer, 12 AC
May 24, 2021 |
|
XVR08B06
|
110Kb / 4P |
Harmony XVR Rotating Beacon Lights
Jan 12, 2022 |
|
XVR12B03
|
121Kb / 4P |
Harmony XVR Rotating Beacon Lights
Jan 13, 2022 |
|
XVR12B04S
|
125Kb / 4P |
Harmony XVR Rotating Beacon Lights
Jan 12, 2022 |
|
XVR13B04
|
124Kb / 4P |
Harmony XVR Rotating Beacon Lights
Jan 11, 2022 |
|
XVR13M04L
|
128Kb / 4P |
Harmony XVR Rotating Beacon Lights
Jan 13, 2022 |