|
KEY FEATURES
> E3 engine featuring NICHIA LEDs, delivering up to 986 lumens (x2 LEDs) in 3000K
with 2-step binning and built in reverse polarity protection
> Available with F1, RGBW and Tunable White LED engines and optional 2nd channel
LEDs for secondary lighting applications
> Features two LEDs pointing up and down, recessed in a matt black anodised body
for reduced glare
> Range of beam angles including a narrow 12° spot for lighting columns and arches,
or a 15°x 49° spreader lens, which is ideal for wall washing applications
> Single optic with matt black inner baffle produces a very consistent beam with no
multiple shadows
> Body is a machined solid billet of aluminium
> Paint finishes include: White (RAL 9016), Silver, Anthracite Grey (RAL 7016), Black
(RAL 9005), Antique Bronze, Satin Antique Brass, Satin Brass or any RAL finish
> Discreet fixing with two grub screws behind the body
> Available with Switched, 0-10V, Casambi, DMX, Dali or Mains dimmable driver
|