Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR20-LT500 Datasheet (PDF) - LightGraphix

LR20-LT500 Datasheet PDF - LightGraphix
Part # LR20-LT500
Download  LR20-LT500 Download
File Size   3351.88 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description INTERIOR LINEAR RIGID

LR20-LT500 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR20-LT500 Datasheet PDF - LightGraphix

Part # LR20-LT500
Download  LR20-LT500 Click to download

File Size   3351.88 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description INTERIOR LINEAR RIGID

LR20-LT500 Datasheet (HTML) - LightGraphix


LR20-LT500 Product details

KEY FEATURES
> Colour-matched to the full LightGraphix range for uniform illumination
across all luminaire types
> Slim, low-profile with a 20mm light-emitting surface
> 24V DC system allowing long lengths from a single driver
> Colour-matched LEDs within 2-step MacAdam ellipse
> Continuous lengths up to 2m, 50mm cut increments
> Wide CCT range from 2200K - 6000K
> IP20 as standard
> Matching flexible profile: LF20D
> Range of mounting and cable exit options
> Dimming: 0–10 V, DALI, Casambi, DMX, Mains
> Cut, finished, and tested in the UK




Similar Part No. - LR20-LT500

ManufacturerPart #DatasheetDescription
logo
Energizer
LR20 ENERGIZER-LR20 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
logo
VARTA AG
LR20 VARTA-LR20 Datasheet
88Kb / 1P
Zn-MnO₂ (Alkaline)
2022-04-06
logo
List of Unclassifed Man...
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Similar Description - LR20-LT500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E67008 ETC-E67008 Datasheet
34Kb / 1P
Polypropylene Semi-Rigid Notebooks
logo
PANDUIT CORP.
LD2P10EI8-A PANDUIT-LD2P10EI8-A Datasheet
75Kb / 1P
RIGID PVC POLYVINYL CHLORIDE
logo
List of Unclassifed Man...
PLP5-250 ETC2-PLP5-250 Datasheet
398Kb / 1P
rigid light pipes
logo
Adam Technologies, Inc.
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50 ADAM-TECH-RF2-03-T-00-50 Datasheet
83Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50-G ADAM-TECH-RF2-03-T-00-50-G Datasheet
116Kb / 1P
SMA MALE SEMI RIGID
RF11-12-T-08-75-G ADAM-TECH-RF11-12-T-08-75-G Datasheet
110Kb / 1P
MCX MALE RIGID 50
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com