Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V320LA7 Datasheet (PDF) - Harris Corporation

V320LA7 Datasheet PDF - Harris Corporation
Part # V320LA7
Download  V320LA7 Download
File Size   113.82 Kbytes
Page   10 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description UL Recognized Radial Lead Metal-Oxide Varistors for Line Voltage Operation

V320LA7 Datasheet (PDF)

Go To PDF Page Download Datasheet
V320LA7 Datasheet PDF - Harris Corporation

Part # V320LA7
Download  V320LA7 Click to download

File Size   113.82 Kbytes
Page   10 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description UL Recognized Radial Lead Metal-Oxide Varistors for Line Voltage Operation

V320LA7 Datasheet (HTML) - Harris Corporation


V320LA7 Product details

Features
• Recognized as “Transient Voltage Surge Suppressors”, UL File
#E75961 to Standard 1449
• Recognized as “Across-The-Line Components”, UL File #E56529 to
Standard 1414
• Recognized as “Protectors for Data Communication and Fire Alarm
Circuits”, UL File #E135010 to Standard 497B
• Recognized as “Transient Voltage Surge Suppressors”, CSA File
#LR91788 to Standard C22.2 No. 1 - M1981
• High Energy Absorption Capability WTM . . . . . . . . . . . . . . Up to 360J
• Wide Operating Voltage Range VM(AC)RMS . . . . . . . . . . . 130V to 750V
• Line-Voltage Operation - Can be Operated Directly Across 120V,
240V, etc., AC Power Lines
• Available in Tape and Reel for Automatic Insertion Equipment

Description
LA series transient surge suppressors are radial-lead varistors that can be operated continuously across AC power
lines. These UL recognized varistors “across-the-line” components, because of their radial lead construction, require
very little mounting space. This feature is particularly important in compact, hard wired system designs.
LA series varistors are available in four model sizes: 7mm,
10mm, 14mm and 20mm; and have a VM(AC)RMS voltage
range from 130V to 1000V, and an energy absorption
capability up to 360J. Some LA series model numbers are
available with two clamping voltage selections, designated
by a model number prefix of either A or B. The “A” selection
is the standard model; the “B” selection provides a tighter
clamping voltage.




Similar Part No. - V320LA7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LA7 LITTELFUSE-V320LA7 Datasheet
396Kb / 10P
Line Voltage Operation, Radial Lead
V320LA7 LITTELFUSE-V320LA7 Datasheet
222Kb / 11P
Line Voltage Operation, Radial Lead
V320LA7 LITTELFUSE-V320LA7 Datasheet
984Kb / 11P
Varistor Products - Line Voltage Operation, Radial Lead
V320LA7 LITTELFUSE-V320LA7 Datasheet
309Kb / 11P
Line Voltage Operation, Radial Lead
V320LA7P LITTELFUSE-V320LA7P Datasheet
984Kb / 11P
Varistor Products - Line Voltage Operation, Radial Lead
More results


Similar Description - V320LA7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
Line Voltage Operation, Radial Lead
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
logo
Littelfuse
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
Line Voltage Operation, Radial Lead
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
Line Voltage Operation, Radial Lead
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com