Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7211 Datasheet (PDF) - Infinite Electronics International, Inc.

SH7211 Datasheet PDF - Infinite Electronics International, Inc.
Part # SH7211
Download  SH7211 Download
File Size   484.55 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description The SH7211 is a 90 degree hybrid coupler that operates from 500 to 1,000 MHz and can handle up to 50 Watts (CW) with 22 dB isolation minimum and 1.2:1 VSWR maximum. The package interface uses SMA female connectors, and is RoHS compliant.

SH7211 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH7211 Datasheet PDF - Infinite Electronics International, Inc.

Part # SH7211
Download  SH7211 Click to download

File Size   484.55 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description The SH7211 is a 90 degree hybrid coupler that operates from 500 to 1,000 MHz and can handle up to 50 Watts (CW) with 22 dB isolation minimum and 1.2:1 VSWR maximum. The package interface uses SMA female connectors, and is RoHS compliant.

SH7211 Datasheet (HTML) - Infinite Electronics International, Inc.


SH7211 Product details

Features
• 90° Hybrid Coupler
• 500 to 1,000 MHz
• Frequency Range
• Isolation > 22 dB
• VSWR < 1.2:1
• Max Power 50 Watt (CW)
• Applications:
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• SH7211
• DATA SHEET




Similar Part No. - SH7211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7211 RENESAS-SH7211 Datasheet
6Mb / 1228P
32-Bit RISC Microcomputer SuperHTM RISC engine Family
SH7211 RENESAS-SH7211_09 Datasheet
624Kb / 26P
MTU2 Three-Phase Complementary PWM Output Function
More results


Similar Description - SH7211

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2217-10 PASTERNACK-PE2217-10 Datasheet
213Kb / 3P
Dual Directional 10 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 10 Watts
PE2217-20 PASTERNACK-PE2217-20 Datasheet
212Kb / 3P
Dual Directional 20 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2217-30 PASTERNACK-PE2217-30 Datasheet
213Kb / 3P
Dual Directional 30 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2050 PASTERNACK-PE2050 Datasheet
213Kb / 3P
90 Degree SMA Hybrid From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2CP1026 PASTERNACK-PE2CP1026 Datasheet
517Kb / 6P
90 Degree Drop-In Hybrid Coupler From 20 MHz to 1,000 MHz Rated to 50 Watts
PE2CP1027 PASTERNACK-PE2CP1027 Datasheet
514Kb / 6P
90 Degree Drop-In Hybrid Coupler From 20 MHz to 1,000 MHz Rated to 150 Watts
PE2CP1028 PASTERNACK-PE2CP1028 Datasheet
532Kb / 6P
90 Degree Drop-In Hybrid Coupler From 80 MHz to 1,000 MHz Rated to 250 Watts
PE2CP1037 PASTERNACK-PE2CP1037 Datasheet
552Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1038 PASTERNACK-PE2CP1038 Datasheet
458Kb / 4P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated to 400 Watts
PE2CP1039 PASTERNACK-PE2CP1039 Datasheet
557Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 800 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com