Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA828PRO Datasheet (PDF) - NiceRF Wireless Technology Co., Ltd.

SA828PRO Datasheet PDF - NiceRF Wireless Technology Co., Ltd.
Part # SA828PRO
Download  SA828PRO Download
File Size   752.1 Kbytes
Page   16 Pages
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.
Description SA828Pro Full-featured Walkie Talkie module

SA828PRO Datasheet (PDF)

Go To PDF Page Download Datasheet
SA828PRO Datasheet PDF - NiceRF Wireless Technology Co., Ltd.

Part # SA828PRO
Download  SA828PRO Click to download

File Size   752.1 Kbytes
Page   16 Pages
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.
Description SA828Pro Full-featured Walkie Talkie module

SA828PRO Datasheet (HTML) - NiceRF Wireless Technology Co., Ltd.


SA828PRO Product details

1. Description
SA828Pro is a highly cost-effective, full-featured walkie talkie module .It supports both voice and
data communication modes. It integrates a high-speed microcontroller, a high-performance RF
transceiver chip, and an RF power amplifier.All parameters(CTCSS, CDCSS, SQ, Predefined
channels etc.) can be easily modified by PC software, Users only need to add external power supply,
speaker, and audio taper, then it becomes a miniature walkie talkie with 16 adjustable channels.
Simplified interface and Ultra small size make this module widely used in various applications and
conveniently embedded into various handheld. SA828Pro is manufactured and tested using a strictly
lead-free process and complies with RoHS and REACH standards.
2. Features
 UHF Frequency : 400~480 MHz
VHF Frequency :134~174 MHz
(2 frequency bands are optional)
 Tx and Rx frequency can be set alone
 Bandwidth 12.5 / 25 KHz
 High/ low power is optional
(500mW/1.5W@4.0V)
 Distance up to 4-5km in open area
 High Sensitivity:-124 dBm
 High-integrated, Small Size
 38 CTCSS (can be set via PC software and serial port)
 166 CDCSS
(can be set via PC software and serial port)
 8 level squelch
 Wide range of working voltage 3.3-5.5 V
 External potentiometer to adjust volume
 1 ppm KDS TCXO crystal, Stable performance
3. Application
 Small walkie talkie
 Invisible intercom system
 audio surveillance system
 Outdoor Sport products
 building community security system




Similar Part No. - SA828PRO

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SA828 MITEL-SA828 Datasheet
205Kb / 14P
Three-Phase PWM Waveform Generator
logo
NiceRF Wireless Technol...
SA828 G-NICE-SA828 Datasheet
1Mb / 16P
1.5W FUII FEATURED MINIATURE WALKIE TALKIE MODULE
2025-7
logo
Mitel Networks Corporat...
SA8281 MITEL-SA8281 Datasheet
205Kb / 14P
Three-Phase PWM Waveform Generator
SA8281DP1S MITEL-SA8281DP1S Datasheet
205Kb / 14P
Three-Phase PWM Waveform Generator
SA8281IG MITEL-SA8281IG Datasheet
205Kb / 14P
Three-Phase PWM Waveform Generator
More results


Similar Description - SA828PRO

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
Full-featured evaluation board
AMC1204EVM TI1-AMC1204EVM Datasheet
117Kb / 9P
Full-featured evaluation module
logo
Analog Devices
EVAL-AD7403FMCZ AD-EVAL-AD7403FMCZ Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
UG-459 AD-UG-459 Datasheet
787Kb / 12P
Full-featured evaluation board
Rev. 0
UG-490 AD-UG-490 Datasheet
2Mb / 28P
Full-featured evaluation board
Rev. 0
UG-515 AD-UG-515 Datasheet
2Mb / 28P
Full-featured evaluation board
Rev. A
UG-532 AD-UG-532 Datasheet
421Kb / 12P
Full-featured evaluation board
Rev. 0
UG-572 AD-UG-572 Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
Full Featured Profile Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com