Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC66 Datasheet (PDF) - Optronics International

MC66 Datasheet PDF - Optronics International
Part # MC66
Download  MC66 Download
File Size   141.22 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Surface Mount Dual Bulb Marker/Clearance Lights - PC Rated

MC66 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC66 Datasheet PDF - Optronics International

Part # MC66
Download  MC66 Click to download

File Size   141.22 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Surface Mount Dual Bulb Marker/Clearance Lights - PC Rated

MC66 Datasheet (HTML) - Optronics International


MC66 Product details

Surface mount on 3" centers
Includes both lead and ground wires
Snap-on lens, replaceable bulb
Available in bulk, polypack and retail packaging
Three Year Warranty




Similar Part No. - MC66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC660 ETC-MC660 Datasheet
557Kb / 8P
INTEGRATED CIRCUITS
MC660L ETC-MC660L Datasheet
557Kb / 8P
INTEGRATED CIRCUITS
MC660P ETC-MC660P Datasheet
557Kb / 8P
INTEGRATED CIRCUITS
MC660TL ETC-MC660TL Datasheet
557Kb / 8P
INTEGRATED CIRCUITS
MC661 ETC-MC661 Datasheet
557Kb / 8P
INTEGRATED CIRCUITS
More results


Similar Description - MC66

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
Tactical 45 Degree Marker Lights
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
TRIAD MAGNETICS
F-349XP TRIAD-F-349XP_13 Datasheet
42Kb / 1P
PC Mount: Dual Primary
F-363XP TRIAD-F-363XP_13 Datasheet
71Kb / 1P
PC Mount: Dual Primary
F-370P TRIAD-F-370P_13 Datasheet
135Kb / 1P
PC Mount: Dual Primary
F-371P TRIAD-F-371P_13 Datasheet
135Kb / 1P
PC Mount: Dual Primary
F-376P TRIAD-F-376P_13 Datasheet
135Kb / 1P
PC Mount: Dual Primary
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
CLEARANCE SPACERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com