Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7S721010VCFP Datasheet (PDF) - Renesas Technology Corp

R7S721010VCFP Datasheet PDF - Renesas Technology Corp
Part # R7S721010VCFP
Download  R7S721010VCFP Download
File Size   4574.22 Kbytes
Page   137 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RZ/A1H Group, RZ/A1M Group

R7S721010VCFP Datasheet (PDF)

Go To PDF Page Download Datasheet
R7S721010VCFP Datasheet PDF - Renesas Technology Corp

Part # R7S721010VCFP
Download  R7S721010VCFP Click to download

File Size   4574.22 Kbytes
Page   137 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RZ/A1H Group, RZ/A1M Group

R7S721010VCFP Datasheet (HTML) - Renesas Technology Corp


R7S721010VCFP Product details

■ CPU (Arm® Cortex®-A9)
 Operating frequency: 400 MHz
 Single-precision/double-precision FPU
 Arm® NEON™
■ On-chip memory
 10 MB (RZ/A1H)
 5 MB (RZ/A1M)
■ Main graphics and camera input functions
 Video display controller (VDC5): 2 channels
 LCD output: Max. WXGA
 Screen superimposition: 4 layers
 Video input: Max. XGA (CVBS analog input supported)
 CMOS camera input (CEU): 1 channel
 PAL/NTSC decoder (DVDEC): 2 channels
 Distortion compensation unit (IMR): 1 channel
 Open VG accelerator: 1 channel
 JPEG coding engine: 1 channel
■ Main memory interface functions
 NOR flash, SDRAM, NAND flash
 QSPI serial flash: 2 channels (ability to run stored programs directly)
 SD host interface: 2 channels
 MMC host interface: 1 channel
■ Main communication functions
 USB 2.0 High Speed: 2 channels (Host/Function switchable)
 10M/100M EtherMAC: 1channel
 SCIF: 8 channels
 I2C: 4 channels
 SSI: 6 channels
 RSPI: 5 channels
 Ethernet AVB: 1 channel
 CAN: 5 channels




Similar Part No. - R7S721010VCFP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R7S01200A POWEREX-R7S01200A Datasheet
427Kb / 4P
General Purpose Rectifier (1200 Amperes Average 2400 Volts)
R7S01600A POWEREX-R7S01600A Datasheet
435Kb / 4P
General Purpose Rectifier (1600 Amperes Average 1600 Volts)
logo
Ultralife Corporation.
R7S06A ULTRALIFE-R7S06A Datasheet
3Mb / 2P
Edgeline series of rugged cases
Rev 5.5
R7S06A ULTRALIFE-R7S06A Datasheet
2Mb / 2P
Edgeline UPS Accessory Case
Rev 1.0
R7S06A ULTRALIFE-R7S06A Datasheet
3Mb / 2P
Uninterruptible Power Supply
Rev 3
More results


Similar Description - R7S721010VCFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
logo
Renesas Technology Corp
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
GR-MANGO RENESAS-GR-MANGO Datasheet
1Mb / 32P
GR-MANGO is the Gadget Renesas board for the Renesas RZ familys RZ/A2M group of microprocessors (MPU) products
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com