Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NME0505SPC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NME0505SPC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NME0505SPC
Download  NME0505SPC Download
File Size   232.42 Kbytes
Page   11 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 1W Single Output DC-DC Converters

NME0505SPC Datasheet (PDF)

Go To PDF Page Download Datasheet
NME0505SPC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NME0505SPC
Download  NME0505SPC Click to download

File Size   232.42 Kbytes
Page   11 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 1W Single Output DC-DC Converters

NME0505SPC Datasheet (HTML) - Murata Manufacturing Co., Ltd.


NME0505SPC Product details

FEATURES
-Short circuit protection options
-UL 60950 recognised
-Single isolated output
-1kVDC isolation ‘Hi Pot Test’
-Wide temperature performance at full
1 watt load, –40°C to 85°C2
-Industry standard pinout
-5V, 12V, 15V & 24V input
-5V, 9V, 12V and 15V output
-Fully encapsulated with toroidal magnetics
-No external components required
-Pin compatible with CME, CRE1, CRL2,
LME, MEE1, MEE3, NKE & NML
DESCRIPTION
The NME series of DC-DC Converters is particularly
suited to isolating and/or converting DC power
rails. The galvanic isolation allows the device to be
configured to provide an isolated negative rail in
systems where only positive rails exist. The wide
temperature range guarantees startup from –40°C
and full 1 watt output at 85°C2. For lower ripple,
refer to output ripple reduction section. The NME
series offers short circuit protection options (PC)
across the operating temperature range. Short
circuits of less than 1Ω cause the converter to enter
a ‘foldback’ limiting mode such that the input
current is approximately 95mA for 0505 variant.
Protection is continuous and auto-resetting on
removal of the short circuit.




Similar Part No. - NME0505SPC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NME0505SPC MURATA-PS-NME0505SPC Datasheet
207Kb / 11P
Isolated 1W Single Output DC-DC Converters
NME0505SPC MURATA-PS-NME0505SPC Datasheet
1Mb / 13P
Isolated 1W Single Output DC-DC Converters
2023
More results


Similar Description - NME0505SPC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com