Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D8VN6TB Datasheet (PDF) - Speco Technologies.

D8VN6TB Datasheet PDF - Speco Technologies.
Part # D8VN6TB
Download  D8VN6TB Download
File Size   936.58 Kbytes
Page   2 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI NDAA Compliant Digital Video Recorder

D8VN6TB Datasheet (PDF)

Go To PDF Page Download Datasheet
D8VN6TB Datasheet PDF - Speco Technologies.

Part # D8VN6TB
Download  D8VN6TB Click to download

File Size   936.58 Kbytes
Page   2 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI NDAA Compliant Digital Video Recorder

D8VN6TB Datasheet (HTML) - Speco Technologies.


D8VN6TB Product details

Key Features
EZ Wizards - For ease of use and setup
Setup: for quick setup of general settings
Network: network setup and port forwarding
Record: quickly setup recording resolutions and recording type
Search: quickly search for events from thumbnails
Copy: quickly copy what you are playing onto a USB flash drive
•4MP max recording resolution @ 10fps
•UTC function allows for zoom/focus and OSD control over coax
•H.264/H.265 video compression
•Free U.S. - Based DDNS Server Access
•Signal distance up to 1600 feet1
•Video Out: 1 HDMI®, 1 VGA
•Digital Deterrent® for triggering during sensor or motion detection
•2-way audio-ready communication
•Built-in S.M.A.R.T. Technology (Self-Monitoring, Analysis and
Reporting Technology for HDD)
•4 channel audio recording
•Password to secure installation authorization
•Smart (Museum) Search - Quickly search for a specific video
event without the need for motion setup.
•Easy firmware upgrade by USB port
•5 year limited warranty2
•NDAA Compliant
Additional Features
•Instant and convenient backup via USB flash drive
•Supports multiple PC based browsers such as Chrome, Edge, Internet Explorer, and Firefox
•Simultaneous playback/record while continuing to network transfer or backup
•User Access: up to 12 concurrent users for live viewing, 1 user for playback
•Remote monitoring / recording / playback / configuration / software upgrades and
PTZ control via internet
•Network accessible via SpecoTech Multi-Client Software, SecureGuard®,
SecureGuard® Client, Web-Viewer and Speco Player Mobile app, Apple TV
and Amazon Fire TV
• PC and MAC® compatible
• IR remote control and mouse included




Similar Part No. - D8VN6TB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D8V0H1B2LP DIODES-D8V0H1B2LP Datasheet
427Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2023 Rev. 2 - 2
D8V0H1B2LP-7B DIODES-D8V0H1B2LP-7B Datasheet
427Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2023 Rev. 2 - 2
D8V0H1U2LP1610 DIODES-D8V0H1U2LP1610 Datasheet
322Kb / 5P
8V VOLT UNI-DIRECTIONAL HIGH SURGE TVS DIODE
June 2018 Rev. 2 - 2
D8V0H1U2LP1610-7 DIODES-D8V0H1U2LP1610-7 Datasheet
322Kb / 5P
8V VOLT UNI-DIRECTIONAL HIGH SURGE TVS DIODE
June 2018 Rev. 2 - 2
D8V0L1B2LP DIODES-D8V0L1B2LP Datasheet
311Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 1
More results


Similar Description - D8VN6TB

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV05620-C03A OMNIVISION-OV05620-C03A Datasheet
198Kb / 2P
advanced digital imaging and HD video
OV5620 OMNIVISION-OV5620 Datasheet
198Kb / 2P
advanced digital imaging and HD video
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
logo
Level One
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
Network Video Recorder
NVR-0104 LVL1-NVR-0104 Datasheet
817Kb / 3P
4-CH Network Video Recorder
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
logo
Advantech Co., Ltd.
DVP-7635HE ADVANTECH-DVP-7635HE Datasheet
688Kb / 2P
4-ch Full HD H.264/MPEG4 AHD/CVI/TVI PCIe Video Capture Card with SDK
13-Sep-2017
DVP-7036HE ADVANTECH-DVP-7036HE Datasheet
457Kb / 2P
4-ch Full HD TVI Mini-PCIe Video Capture Card with SDK
15-Jun-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com