Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8309-4 Datasheet (PDF) - Infinite Electronics International, Inc.

MP8309-4 Datasheet PDF - Infinite Electronics International, Inc.
Part # MP8309-4
Download  MP8309-4 Download
File Size   571.75 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4 Way Power Divider SMA Connectors From 500 MHz to 2 GHz Rated at 30 Watts

MP8309-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8309-4 Datasheet PDF - Infinite Electronics International, Inc.

Part # MP8309-4
Download  MP8309-4 Click to download

File Size   571.75 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4 Way Power Divider SMA Connectors From 500 MHz to 2 GHz Rated at 30 Watts

MP8309-4 Datasheet (HTML) - Infinite Electronics International, Inc.


MP8309-4 Product details

Features
• 4-Way Power Divider
• Reactive Design
• 500 MHz to 2 GHz
• Frequency Range
• Max Power 30W (CW)
• Isolation > 20 dB
• Applications:
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• MP8309-4
• DATA SHEET




Similar Part No. - MP8309-4

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP8309-2 FAIRVIEW-MP8309-2 Datasheet
340Kb / 3P
2 Way Power Divider SMA Connectors From 500 MHz to 2 GHz Rated at 20 Watts
REV B
MP8309-8 FAIRVIEW-MP8309-8 Datasheet
133Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
More results


Similar Description - MP8309-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2061 PASTERNACK-PE2061 Datasheet
210Kb / 2P
75 Ohm 8 Way BNC Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
PE2070 PASTERNACK-PE2070 Datasheet
243Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com