Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6229 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU6229 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU6229
Download  NJU6229 Download
File Size   242.1 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 32.768kHz output Tuning fork Quartz Crystal Oscillator IC

NJU6229 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU6229 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU6229
Download  NJU6229 Click to download

File Size   242.1 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 32.768kHz output Tuning fork Quartz Crystal Oscillator IC

NJU6229 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU6229 Product details

FEATURES
●Oscillation Frequency 32.768kHz
●Wide Operating Voltage 1.62 to 5.5V
●Low power consumption 1.0μA(Typ.) at VDD=1.8V, No load
●Output Disable Function
●3-State Output Buffer
●Variable Pull-up Resistance on-Die ( CONT terminal: Pull-up resistance is large at Stand-by Function )
●Oscillation Capacitors Cg and Cd on-Die
●Package Outline Die / Stud Bump Die / Diced Wafer
●C-MOS Technology




Similar Part No. - NJU6229

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6229 NJRC-NJU6229 Datasheet
102Kb / 7P
32.768kHz output Tuning fork Quartz Crystal Oscillator IC
More results


Similar Description - NJU6229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTF32 ETC2-MTF32 Datasheet
117Kb / 2P
Tuning Fork Quartz Crystal
logo
Crystek Corporation
C26 CRYSTEKCRYSTAL-C26 Datasheet
105Kb / 1P
32.768KHz Tuning Fork Crystal
C26-LF CRYSTEKCRYSTAL-C26-LF Datasheet
105Kb / 1P
32.768KHz Tuning Fork Crystal
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B Datasheet
39Kb / 1P
Tuning Fork Quartz Crystal
WX26B VANLONG-WX26B_13 Datasheet
55Kb / 1P
Tuning Fork Quartz Crystal
WX-SERIES VANLONG-WX-SERIES Datasheet
42Kb / 1P
Tuning Fork Quartz Crystal
logo
New Japan Radio
NJU6229 NJRC-NJU6229 Datasheet
102Kb / 7P
32.768kHz output Tuning fork Quartz Crystal Oscillator IC
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1006A TAI-SAW-TZ1006A Datasheet
201Kb / 8P
Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 14
TZ1006AD TAI-SAW-TZ1006AD Datasheet
302Kb / 10P
Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 3.0
TZ2528D TAI-SAW-TZ2528D Datasheet
216Kb / 7P
Crystal Unit 2.0x1.2 Tuning Fork 32.768KHz
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com