Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB081E-SHN-B Datasheet (PDF) - Renesas Technology Corp

AT45DB081E-SHN-B Datasheet PDF - Renesas Technology Corp
Part # AT45DB081E-SHN-B
Download  AT45DB081E-SHN-B Download
File Size   2269.17 Kbytes
Page   82 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory

AT45DB081E-SHN-B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB081E-SHN-B Datasheet PDF - Renesas Technology Corp

Part # AT45DB081E-SHN-B
Download  AT45DB081E-SHN-B Click to download

File Size   2269.17 Kbytes
Page   82 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory

AT45DB081E-SHN-B Datasheet (HTML) - Renesas Technology Corp


AT45DB081E-SHN-B Product details

• Single 1.7 V - 3.6 V supply
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports RapidS™ operation
• Continuous read capability through entire array
• Up to 85 MHz
• Low-power read option up to 15 MHz
• Clock-to-output time (tV) of 6 ns maximum
• User configurable page size
• 256 bytes per page
• 264 bytes per page (default)
• Page size can be factory pre-configured for 256 bytes
• Two fully independent SRAM data buffers (256/264 bytes)
• Allows receiving data while reprogramming the main memory array
• Flexible programming options
• Byte/Page Program (1 to 256/264 bytes) directly into main memory
• Buffer Write
• Buffer to Main Memory Page Program
• Flexible erase options
• Page Erase (256/264 bytes)
• Block Erase (2 kB)
• Sector Erase (64 kB)
• Chip Erase (8 Mbits)
• Program and Erase Suspend/Resume
• Advanced hardware and software data protection features
• Individual sector protection
• Individual sector lockdown to make any sector permanently read-only
• 128-byte, One-Time Programmable (OTP) Security Register
• 64 bytes factory programmed with a unique identifier
• 64 bytes user programmable
• Hardware and software controlled reset options
• JEDEC Standard Manufacturer and Device ID Read
• Low power dissipation
• 400 nA Ultra-Deep Power-Down current (typical)
• 4.5 μA Deep Power-Down current (typical)
• 25 μA Standby current (typical)
• 11 mA Active Read current (typical at 20 MHz)
• Endurance: 100,000 program/erase cycles per page minimum
• Data retention: 20 years
• Complies with full industrial temperature range
• Green (Pb/Halide-free/RoHS compliant) packaging options
• 8-lead SOIC (0.150" wide and 0.208" wide)
• 8-pad Ultra-thin DFN (5 x 6 x 0.6 mm)
• 8-ball (2 x4 array) Wafer Level Chip Scale Package
• Die in Wafer Form




Similar Part No. - AT45DB081E-SHN-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB081E-SHN-B ETC2-AT45DB081E-SHN-B Datasheet
2Mb / 69P
8-Mbit DataFlash (with Extra 256-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E-SHN-B ETC2-AT45DB081E-SHN-B Datasheet
2Mb / 70P
8-Mbit DataFlash (with Extra 256-Kbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB081E-SHN-B DIALOG-AT45DB081E-SHN-B Datasheet
1Mb / 79P
8-Mbit DataFlash (with Extra 256-kbits) 1.7 V Minimum SPI Serial Flash Memory
More results


Similar Description - AT45DB081E-SHN-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB021E ETC2-AT45DB021E Datasheet
2Mb / 68P
2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E ETC2-AT45DB081E Datasheet
2Mb / 69P
8-Mbit DataFlash (with Extra 256-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E_14 Datasheet
2Mb / 71P
4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E ETC2-AT45DB081E_14 Datasheet
2Mb / 70P
8-Mbit DataFlash (with Extra 256-Kbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB021E DIALOG-AT45DB021E Datasheet
1Mb / 74P
2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
AT45DB081E DIALOG-AT45DB081E Datasheet
1Mb / 79P
8-Mbit DataFlash (with Extra 256-kbits) 1.7 V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 70P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
8/11/22
AT45DB041E RENESAS-AT45DB041E Datasheet
2Mb / 78P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
9/26/22
AT45DB081E RENESAS-AT45DB081E Datasheet
2Mb / 97P
8-Mbit DataFlash (with Extra 256 kbits), 1.7 V Minimum SPI Serial Flash Memory
8/16/22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com