Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP15-3 Datasheet (PDF) - LUMEL S.A.

NP15-3 Datasheet PDF - LUMEL S.A.
Part # NP15-3
Download  NP15-3 Download
File Size   2553.8 Kbytes
Page   10 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description TRUE RMS DIGITAL MULTIMETER

NP15-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NP15-3 Datasheet PDF - LUMEL S.A.

Part # NP15-3
Download  NP15-3 Click to download

File Size   2553.8 Kbytes
Page   10 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description TRUE RMS DIGITAL MULTIMETER

NP15-3 Datasheet (HTML) - LUMEL S.A.


NP15-3 Product details

Functions and features of the multimeter:
a Data logger & view function (up to 32000 readings).
a Plug and Play USB connectivity with PC.
a 100 kHz bandwidth for voltage measurement.
a 1 kHz Low Pass Filter mode.
a NO-GO function.
a VAC with 1 M impedance.
a 4-20 mA/ 0-20 mA scale type measurement.
a Single fuse for mA & A.
a Adjustable square wave output.
a Temperature measurement with J, K, Pt100 & Pt1000 sensors.
a External power adapter for long hours of measurements.
a Selectable clamp ratio for current measurement.
a Conductance measurement.
a Frequency / time period measurement.
Application
Single fuse(16A)
Tool for automation, USB 2.0 Interface (option)
With ready to use communication protocol and plug and
play USB 2,0 add-on device, one can easily automate his
test system. The extensive data capturing and analysis is
possible with DMM software.
With vast functionality and editable report settings DMM
software is a real help for easy report generation and
analysis of a device under test.
Trouble shooting a branch circuit with dead or
disconnected circuit is made easy with VAC1MΩ. Low
impedance VAC1MΩ measurement helps eliminating
error readings resulting from ghost voltages caused by
long wires that share a common conduit.
Low input impedance (Ri = 1MΩ)
Instrument contains a single fuse of 16A common for all
the ranges of current from 600μA to 10A AC/DC as
compared to the two fuses in traditional DMMs. This
eliminates the accidental blowing of 1,6A fuse due to
operator's error when higher current is applied in lower
ranges.
Square Wave Output
A square wave output can be generated from the DMM
with the user selectable frequency and adjustable duty
cycle.This can be used as baud rate generator,to check
flow meters, to test frequency counters, accelerometer and
frequency transmitter.
It can also be used as audio signal in audio signal testing.
Low pass filter(LPF) in VAC10MΩ & VAC1MΩ
Current measurement with clamp sensor
A selectable 1kHz low pass filter offers advanced variable
frequency drive filtering to help you accurately analyze nontraditional
sine waves and noisy signals.
In LPF mode DMM rejects all high frequency noise making it
suitable for making measurements on inverters and high
frequency drives.
Measurement with various clamp sensors is possible,
which helps in accurate measurement of current from
60mA to 6000A without interrupting the circuit. The
measured current is automatically calculated from the
selected clamp ratio.




Similar Part No. - NP15-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP1500SAMCT3G ONSEMI-NP1500SAMCT3G Datasheet
141Kb / 7P
50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP1500SAT3G ONSEMI-NP1500SAT3G Datasheet
52Kb / 5P
Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
NP1500SBMCT3G ONSEMI-NP1500SBMCT3G Datasheet
135Kb / 7P
80A, Ultra Low Capacitance TSPD
September, 2008 ??Rev. 1
NP1500SBT3G ONSEMI-NP1500SBT3G Datasheet
52Kb / 5P
Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
NP1500SCMCT3G ONSEMI-NP1500SCMCT3G Datasheet
139Kb / 7P
100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
More results


Similar Description - NP15-3

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380900 EXTECH-380900 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
True RMS Multimeter with IR Thermometer
logo
List of Unclassifed Man...
5492B ETC2-5492B Datasheet
2Mb / 5P
True RMS Bench Multimeter
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
True RMS MultiMeters
GX900 EXTECH-GX900 Datasheet
235Kb / 2P
GX900 True RMS Graphical MultiMeter for Android
logo
List of Unclassifed Man...
FLUKE-87-5 ETC2-FLUKE-87-5 Datasheet
937Kb / 2P
80 Series V Industrial True-RMS Multimeter with Temperature
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
True-rms Multimeter
logo
B&K Precision Corporati...
5492B BK-5492B Datasheet
2Mb / 5P
True RMS Bench Multimeter
logo
Fluke Corporation
287 FLUKE-287 Datasheet
2Mb / 88P
True-rms Digital Multimeters
Rev. 1, 7/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com