Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6369 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU6369 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU6369
Download  NJU6369 Download
File Size   254.37 Kbytes
Page   6 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1.5V Operation Fundamental Quartz Crystal Oscillator

NJU6369 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU6369 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU6369
Download  NJU6369 Click to download

File Size   254.37 Kbytes
Page   6 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1.5V Operation Fundamental Quartz Crystal Oscillator

NJU6369 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU6369 Product details

FEATURES
●Operating Voltage 1.5 to 3.6V
●Maximum Oscillation Frequency 40MHz@1.5V
40MHz@1.8V
60MHz@2.5V
●Low Operating Current
●High Fan-out IOH/IOL=2mA@1.8V
IOH/IOL=5mA@2.5V
IOH/IOL=6mA@3.3V
●5-Stage Divider Maximum Divider f0/32
●Oscillation Stop and Output Stand-by Function
●3-State Output Buffer
●Oscillation Capacitors Cg and Cg on-Chip
●Package Outline Thin-Chip
●C-MOS Technology




Similar Part No. - NJU6369

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6369XC-D NJRC-NJU6369XC-D Datasheet
100Kb / 6P
Fundamental Quartz Crystal Oscillator
More results


Similar Description - NJU6369

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6360 NJRC-NJU6360 Datasheet
46Kb / 5P
High Drive Fundamental Quartz Crystal Oscillator
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6363 NJRC-NJU6363 Datasheet
100Kb / 6P
Fundamental Quartz Crystal Oscillator
logo
Nippon Precision Circui...
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6215 NJRC-NJU6215 Datasheet
111Kb / 7P
Low Operating Current Fundamental Quartz Crystal Oscillator IC
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com