Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-N1 Datasheet (PDF) - Infinite Electronics International, Inc.

ST-N1 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST-N1
Download  ST-N1 Download
File Size   387.24 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Type N, SC Fixed Torque Wrench in Click Type 13/16 inch Bit that is Pre-set to 14 in-lbs

ST-N1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST-N1 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST-N1
Download  ST-N1 Click to download

File Size   387.24 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Type N, SC Fixed Torque Wrench in Click Type 13/16 inch Bit that is Pre-set to 14 in-lbs

ST-N1 Datasheet (HTML) - Infinite Electronics International, Inc.


ST-N1 Product details

Features
• reached, they will “click” which can be heard and felt, followed by a slight bend
• at the head, alerting the user to stop applying torque to the connector. Fairview
• Microwave’s click type N and SC torque wrenches are in-stock and also available
• for a wide variety of other RF connectors, all of which ship the same day.
• Configuration
• Torque Type
• Fixed
• Design Type
• Click
• Hex Size
• 13/16 in
• Torque Setting
• 14 in-lbs [1.58 Nm]
• Torque Accuracy Percentage
• ±4 %
• Size
• Length
• 5.938 in [150.83 mm]
• Handle Diameter
• 0.688 in [17.48 mm]
• .
• Weight
• 0.418 lbs [189.6 g]
• Handle Color
• Red
• Compliance Certifications (see product page for current document)
• Notes:
• Do not use on damaged connectors.
• To improve performance of a wrench that hasn’t been used recently, actu­
• ate the wrench by clicking the wrench head back and forth several times
• before use. This will spread the lubricant through the internal mechanism.
Features
• Designed for continual use
• Torque wrench will “click” once
• preset torque value is achieved
• Designed to avoid over torque
• Applications:
• Attaching test cables in
• lab environments
• Final production
• attachment of product
• Field install and testing
• applications
• Anytime accurate
• torque is needed while
• avoiding over-torque




Similar Part No. - ST-N1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST-N10 FAIRVIEW-ST-N10 Datasheet
530Kb / 3P
ST-N10 DATA SHEET Break-Over Torque Wrench for 4.3-10 Type Connec­ tors, Preset 44.3 in-lbs, 7/8 Hex
REV 1.0A
ST-N11 FAIRVIEW-ST-N11 Datasheet
529Kb / 3P
ST-N11 DATA SHEET Break-Over Torque Wrench for NEX10 Type Connec­ tors, Preset 26.5 in-lbs, 7/16 Hex
REV 1.0A
More results


Similar Description - ST-N1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5011-1 PASTERNACK-PE5011-1 Datasheet
220Kb / 1P
PRESET TORQUE WRENCH USE FOR SMA, 2,9mm AND 3,5mm 8 IN LBS HEX SIZE 5/16
PE5011-4 PASTERNACK-PE5011-4 Datasheet
73Kb / 1P
PRESET TORQUE WRENCH USE FIR TNC(HEX NUT), 14 IN LBS, HEX SIZ 5/8
PE5011-5 PASTERNACK-PE5011-5 Datasheet
217Kb / 1P
PRESET TORQUE WRENCH USE FOR SSMA, 8 IN, LBS HEX SIZE 1/4
PE5011-7 PASTERNACK-PE5011-7 Datasheet
181Kb / 1P
PRESET TORQUE WRENCH USE FOR N 14 IN,LBS HEX SIZE 20mm
PE5019-7 PASTERNACK-PE5019-7 Datasheet
255Kb / 2P
Break-Over Torque Wrench With 13/16 Bit
PE5019-8 PASTERNACK-PE5019-8 Datasheet
255Kb / 2P
Break-Over Torque Wrench With 13/16 Bit
logo
Rosenberger Hochfrequen...
60W000-002 ROSENBERGER-60W000-002 Datasheet
84Kb / 1P
7/16 TORQUE WRENCH
60W000-003 ROSENBERGER-60W000-003 Datasheet
865Kb / 2P
7-16 Torque Wrench
logo
Mallory Sonalert Produc...
SCE028XD2SP1B MSPI-SCE028XD2SP1B Datasheet
54Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
SCE120LA3CTB MSPI-SCE120LA3CTB Datasheet
55Kb / 1P
Used to attach part to panel. The max recommended torque is 10 in-lbs.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com