Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W1900 Datasheet (PDF) - YAGEO Corporation

W1900 Datasheet PDF - YAGEO Corporation
Part # W1900
Download  W1900 Download
File Size   839.58 Kbytes
Page   8 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Stubby Antenna

W1900 Datasheet (PDF)

Go To PDF Page Download Datasheet
W1900 Datasheet PDF - YAGEO Corporation

Part # W1900
Download  W1900 Click to download

File Size   839.58 Kbytes
Page   8 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Stubby Antenna

W1900 Datasheet (HTML) - YAGEO Corporation


W1900 Product details

Description: 4G Pentaband 698-960 ;
1710-2690MHz, Right angle
Features
Small form factor monopole
Antenna size W x L x H
W1900/W1902 (18.4 x 8.0 x 49.5mm)
Lead free materials
RoHS Compliant Product
Connector Type:
W1900 SMA (male)
W1902 RP-SMA (male)
Applications
Penta band EU/US GSM/WCDMA
Frequency range
698-960;1710-2690MHz
M2M Applications




Similar Part No. - W1900

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1900 PULSE-W1900 Datasheet
680Kb / 4P
Penta Band Right Angle Stubby Antenna
W1900 PULSE-W1900 Datasheet
680Kb / 4P
Penta Band Right Angle Stubby Antenna
More results


Similar Description - W1900

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1910 PULSE-W1910 Datasheet
642Kb / 4P
Penta Band Stubby Antenna
logo
World Produts Inc.
WPANT30031-RA WPI-WPANT30031-RA Datasheet
89Kb / 2P
3G Dual-band Stubby Antenna
WPANTDP053 WPI-WPANTDP053 Datasheet
135Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30065-RB WPI-WPANT30065-RB Datasheet
75Kb / 2P
420 MHz Stubby Antenna
WPANT30031-RA WPI-WPANT30031-RA_15 Datasheet
83Kb / 2P
3G Dual-band Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A_15 Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30157 WPI-WPANT30157 Datasheet
78Kb / 2P
Dual-band ISM Stubby Antenna
logo
TE Connectivity Ltd
951-012-XXX TEC-951-012-XXX Datasheet
766Kb / 2P
WLAN (2,4GHz) Stubby Antenna
951012-XXX TEC-951012-XXX Datasheet
590Kb / 2P
CELLULAR (2G/3G) Stubby Antenna
logo
Pulse A Technitrol Comp...
W1095X PULSE-W1095X Datasheet
859Kb / 7P
2.4-2.5GHz SMA Stubby Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com