Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7367 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU7367 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU7367
Download  NJU7367 Download
File Size   77.93 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Single-phase DC Brushless Motor Driver IC

NJU7367 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7367 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU7367
Download  NJU7367 Click to download

File Size   77.93 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Single-phase DC Brushless Motor Driver IC

NJU7367 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU7367 Product details

FEATURES
• Supply Voltage VDD=2.0 to 5.5V
• Low Quiescent Current IDD=1.0mA typ.
• Maximum Output Voltage VOH=4.8V typ.@ Io=+350mA, VOL=0.2V typ.@ Io=-350mA
• Input Offset Voltage VIO=±10mV
• Direct PWM Input
• Lock Detect
• FG Output
• Thermal Shutdown Circuit
• CMOS Technology
• Package Outline MSOP8 (TVSP8)*




Similar Part No. - NJU7367

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
Single-phase DC Brushless Motor Driver IC
logo
Nisshinbo Micro Devices...
NJU7367A NISSHINBO-NJU7367A Datasheet
81Kb / 7P
Single-phase DC Brushless Motor Driver IC
Ver.2013-04-22
NJU7367ARB1 NISSHINBO-NJU7367ARB1 Datasheet
81Kb / 7P
Single-phase DC Brushless Motor Driver IC
Ver.2013-04-22
NJU7367B NISSHINBO-NJU7367B Datasheet
259Kb / 13P
Single-phase DC Brushless Motor Driver IC
Ver.1.1
More results


Similar Description - NJU7367

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7329A NJRC-NJU7329A Datasheet
132Kb / 9P
Single-phase DC Brushless Motor Driver IC
NJU7327 NJRC-NJU7327 Datasheet
188Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7365 NJRC-NJU7365 Datasheet
68Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7325R-TE1 NJRC-NJU7325R-TE1 Datasheet
52Kb / 4P
Single-phase DC Brushless Motor Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com