Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3183YAG Datasheet (PDF) - Pro-Power

3183YAG Datasheet PDF - Pro-Power
Part # 3183YAG
Download  3183YAG Download
File Size   117.76 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Arctic Grade 3 Core Mains Flex

3183YAG Datasheet (PDF)

Go To PDF Page Download Datasheet
3183YAG Datasheet PDF - Pro-Power

Part # 3183YAG
Download  3183YAG Click to download

File Size   117.76 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Arctic Grade 3 Core Mains Flex

3183YAG Datasheet (HTML) - Pro-Power


3183YAG Product details

Features:
• Plain stranded copper conductors, blue, brown, green / yellow insulated
• Sheathed overall in arctic grade PVC
• Suitable for outdoor applications and where flexibility is required at
sub-zero temperatures. (cold bend test temperature -40°C)
Voltage rating : 300 / 500 V
Operating temperature : -20°C to +70°C




Similar Part No. - 3183YAG

ManufacturerPart #DatasheetDescription
logo
Pro-Power
3183YAG 0.75 ORN PROPOWER-3183YAG 0.75 ORN Datasheet
102Kb / 1P
Arctic Grade 3 Cores Cables
03/05/12 V1.1
3183YAG 1.75 ORN PROPOWER-3183YAG 1.75 ORN Datasheet
102Kb / 1P
Arctic Grade 3 Cores Cables
03/05/12 V1.1
3183YAG 2.5 ORN PROPOWER-3183YAG 2.5 ORN Datasheet
102Kb / 1P
Arctic Grade 3 Cores Cables
03/05/12 V1.1
More results


Similar Description - 3183YAG

ManufacturerPart #DatasheetDescription
logo
ITT Industries
NE18 ITT-NE18 Datasheet
999Kb / 9P
Mains / Power Switches
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
Flat Mains Transformer
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
Mains switching Reed Sensor
MS-217-5 PIC-MS-217-5 Datasheet
22Kb / 1P
Mains switching Reed Sensor
logo
Texas Instruments
TCM4300 TI1-TCM4300 Datasheet
289Kb / 69P
Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
MAINS INPUT FILTERS
logo
Schaffner International...
RWK-3062 SCHAFFNER-RWK-3062 Datasheet
1Mb / 6P
3-phase Line Reactor to reduce mains disturbances
RWK-3044 SCHAFFNER-RWK-3044 Datasheet
1Mb / 6P
3-phase Line Reactor to reduce mains disturbances
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
Mains / Power Switches
22 Dec 21
logo
Lorlin Electronics Ltd.
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com