Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU-1000 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

MU-1000 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # MU-1000
Download  MU-1000 Download
File Size   373.53 Kbytes
Page   6 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description MANIFOLD MINI-WHEEL FLOWMETER

MU-1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MU-1000 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # MU-1000
Download  MU-1000 Click to download

File Size   373.53 Kbytes
Page   6 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description MANIFOLD MINI-WHEEL FLOWMETER

MU-1000 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


MU-1000 Product details

FEATURES
❑ Free configuration either flow collection or distribution:
Either flow collection from flowmeters into manifold or distribution
from manifold to flowmeters is selectable.
❑ Free combination with variations:
Flowmeters or through-plugs can be selected freely. Both flow
collection and distribution system can be integrated into one block
of manifold with a partition.
❑ Easy extension, rearrangement, and replacement:
Rearrangement and extension of system are at customers’
discretion in selecting various attachments, changing flow direction
and selection of flow divergences, etc.
❑ Four flow ranges:
0.6 to 3 L/min, 0.75 to 5 L/min, 1 to 10 L/min, 2 to 20 L/min
❑ Pulse or current output:
It can be used with panel instruments for flow indication,
integration, and alarms depending on electric signals.
❑ Direct monitoring of flow:
Through windows the rotation of wheel is visible. If the wheel gets
dirty, it is easily disassembled for cleaning.
❑ Complying with UL:
UL61010-1 NYOK2/8
❑ Complying with RoHS
MAIN APPLICATION
❑ Space-saving cooling unit
❑ Cooling lines for semi-conductor production equipment
❑ Cooling lines of metal mold




Similar Part No. - MU-1000

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
MU-01-1 KGS-MU-01-1 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-2 KGS-MU-01-2 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-3 KGS-MU-01-3 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-4 KGS-MU-01-4 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-5 KGS-MU-01-5 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
More results


Similar Description - MU-1000

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QSCM-1MSA-20-2 RALSTON-QSCM-1MSA-20-2 Datasheet
349Kb / 1P
QSCM manifold
QSCM-2FSA-20-2 RALSTON-QSCM-2FSA-20-2 Datasheet
349Kb / 1P
QSCM manifold
QSCM-2MSA-20-2 RALSTON-QSCM-2MSA-20-2 Datasheet
349Kb / 1P
QSCM manifold
QTCM-1MBA-20-2 RALSTON-QTCM-1MBA-20-2 Datasheet
353Kb / 1P
QTCM manifold
QTCM-2FBA-20-2 RALSTON-QTCM-2FBA-20-2 Datasheet
353Kb / 1P
QTCM manifold
QTCM-2MBA-20-2 RALSTON-QTCM-2MBA-20-2 Datasheet
353Kb / 1P
QTCM manifold
logo
TT Electronics.
DS1010 TTELEC-DS1010 Datasheet
515Kb / 2P
Platon NS Series Pelton Wheel Flowmeter
logo
Testo SE & Co. KGaA
TESTO557 TESTO-TESTO557 Datasheet
1Mb / 2P
Digital manifold
TESTO549 TESTO-TESTO549 Datasheet
711Kb / 2P
Digital manifold
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com