Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMC650 Datasheet (PDF) - Infinite Electronics International, Inc.

FMC650 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMC650
Download  FMC650 Download
File Size   539.27 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Precision 2.4mm Female to 2.4mm Female Cable VNA High Flex Coax

FMC650 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMC650 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMC650
Download  FMC650 Click to download

File Size   539.27 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Precision 2.4mm Female to 2.4mm Female Cable VNA High Flex Coax

FMC650 Datasheet (HTML) - Infinite Electronics International, Inc.


FMC650 Product details

Features
• Max Frequency 50 GHz
• Shielding Effectivity > 100 dB
• 78% Phase Velocity
• Triple Shielded
• Phase and Amplitude stable de­
• signed for VNA testing
• 1.3:1 VSWR to 50 GHz
• Excellent Amplitude and Phase
• stability with flexure
• Armored Cable construction is
• highly flexible
• Non Conductive Nomex outer
• sleeve
• In stock and ready to ship
• Applications:
• General Purpose
• Laboratory Use
• VNA Test Cables
• Probe testing to 50 GHz
• Precision Development testing
• For use in Automated Test Sys­
• tems
• FMC650
• DATA SHEET




Similar Part No. - FMC650

ManufacturerPart #DatasheetDescription
logo
Rohm
FMC6A ROHM-FMC6A Datasheet
36Kb / 1P
Power management (dual digital transistors)
logo
Fairchild Semiconductor
FMC6G10US60 FAIRCHILD-FMC6G10US60 Datasheet
649Kb / 9P
Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
Compact & Complex Module
FMC6G20US60 FAIRCHILD-FMC6G20US60 Datasheet
648Kb / 9P
Compact & Complex Module
FMC6G30US60 FAIRCHILD-FMC6G30US60 Datasheet
713Kb / 9P
Compact & Complex Module
More results


Similar Description - FMC650

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9453 PASTERNACK-PE9453 Datasheet
238Kb / 3P
Precision 2.4mm Female to 2.4mm Female Adapter
PE9640 PASTERNACK-PE9640 Datasheet
248Kb / 3P
Precision Bulkhead 2.4mm Female to 2.4mm Female Adapter
PE3VNA4005 PASTERNACK-PE3VNA4005 Datasheet
453Kb / 5P
VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Female 40GHz, RoHS
PE3TC0500 PASTERNACK-PE3TC0500 Datasheet
420Kb / 5P
2.4mm Male to 2.4mm Male Precision Cable Using High Flex VNA Test Coax, RoHS
PE3TC0600 PASTERNACK-PE3TC0600 Datasheet
452Kb / 5P
2.4mm Male to 2.4mm Female Precision Cable Using High Flex VNA Test Coax, RoHS
PE3TC0700 PASTERNACK-PE3TC0700 Datasheet
441Kb / 5P
2.4mm Male to 2.4mm Male Right Angle Precision Cable Using High Flex VNA Test Coax, RoHS
PE35654-12 PASTERNACK-PE35654-12 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-24 PASTERNACK-PE35654-24 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-36 PASTERNACK-PE35654-36 Datasheet
636Kb / 4P
2.4mm Male to 2.4mm Female Cable
PE35654-48 PASTERNACK-PE35654-48 Datasheet
637Kb / 4P
2.4mm Male to 2.4mm Female Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com