Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP2102ANLGI8 Datasheet (PDF) - Renesas Technology Corp

8SLVP2102ANLGI8 Datasheet PDF - Renesas Technology Corp
Part # 8SLVP2102ANLGI8
Download  8SLVP2102ANLGI8 Download
File Size   1342.7 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer

8SLVP2102ANLGI8 Datasheet (PDF)

Go To PDF Page Download Datasheet
8SLVP2102ANLGI8 Datasheet PDF - Renesas Technology Corp

Part # 8SLVP2102ANLGI8
Download  8SLVP2102ANLGI8 Click to download

File Size   1342.7 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer

8SLVP2102ANLGI8 Datasheet (HTML) - Renesas Technology Corp


8SLVP2102ANLGI8 Product details

• Two low skew, low additive jitter LVPECL output pairs
• Two selectable, differential clock input pairs
• Differential pairs can accept the following differential input
levels: LVDS, LVPECL, CML
• Maximum input clock frequency: 2GHz
• Output skew: 5ps (typical)
• Propagation delay: 225ps (maximum)
• Low additive phase jitter, RMS, fREF = 156.25MHz, VPP = 1V,
12kHz – 20MHz: 36fs (maximum)
• Full 3.3V and 2.5V supply voltage
• Maximum device current consumption (IEE): 56mA (maximum)
• Available in lead-free (RoHS 6), 16-Lead VFQFPN package
• -40°C to 85°C ambient operating temperature
• Supports case temperature ≤105°C operations
• Accepts single-ended LVCMOS levels. See Applications section
• Differential PCLKA, nPCLKA and PCLKB, nPCLKB pairs can also
accept single-ended LVCMOS levels. See Applications section
Wiring the Differential Input Levels to Accept Single-ended Levels
(Figure 1A and Figure 1B)




Similar Part No. - 8SLVP2102ANLGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP2102ANLGI8 IDT-8SLVP2102ANLGI8 Datasheet
956Kb / 23P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2102ANLGI8 IDT-8SLVP2102ANLGI8 Datasheet
628Kb / 23P
2.5V LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP2102ANLGI8 RENESAS-8SLVP2102ANLGI8 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
More results


Similar Description - 8SLVP2102ANLGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1212I IDT-8SLVP1212I Datasheet
881Kb / 25P
Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2102I IDT-8SLVP2102I Datasheet
956Kb / 23P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2108 IDT-8SLVP2108_16 Datasheet
847Kb / 22P
Low Phase Noise, Dual 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP1102 RENESAS-8SLVP1102 Datasheet
1,002Kb / 24P
Low Phase Noise, 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1208 RENESAS-8SLVP1208 Datasheet
1,012Kb / 25P
Low Phase Noise, 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1212 RENESAS-8SLVP1212 Datasheet
1Mb / 24P
Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
MAY 20, 2021
8SLVP2104 RENESAS-8SLVP2104 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
January 15, 2019
8SLVP2108 RENESAS-8SLVP2108 Datasheet
1Mb / 23P
Low Phase Noise, Dual 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
January 15, 2019
8SLVP2102 RENESAS-8SLVP2102 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
8SLVP2106 RENESAS-8SLVP2106 Datasheet
1Mb / 25P
Low Phase Noise, Dual 1-to-6, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com