Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2658C Datasheet (PDF) - Infinite Electronics International, Inc.

ST2658C Datasheet PDF - Infinite Electronics International, Inc.
Part # ST2658C
Download  ST2658C Download
File Size   505.91 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ST2658C DATA SHEET RF Load 1 Watts To 26.5 GHz With Chain Passivated Stainless Steel SMA Male

ST2658C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2658C Datasheet PDF - Infinite Electronics International, Inc.

Part # ST2658C
Download  ST2658C Click to download

File Size   505.91 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ST2658C DATA SHEET RF Load 1 Watts To 26.5 GHz With Chain Passivated Stainless Steel SMA Male

ST2658C Datasheet (HTML) - Infinite Electronics International, Inc.


ST2658C Product details

Features
• DC to 26.5 GHz Frequency Range
• VSWR 1.3:1 Max
• Max Power 1 Watt (CW)
• SMA Male Coaxial Interface
• Includes Beaded Chain
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST2658C

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST2650 FAIRVIEW-ST2650 Datasheet
508Kb / 4P
RF Load 1 Watts To 26.5 GHz Gold Plated Stainless Steel SMA Male
REV 3.0
ST2653 FAIRVIEW-ST2653 Datasheet
458Kb / 3P
RF Load 1 Watts To 27 GHz Gold Plated Stainless Steel SMA Male
REV 2.0
ST2659 FAIRVIEW-ST2659 Datasheet
520Kb / 4P
RF Load 1 Watts To 26.5 GHz Passivated Stainless Steel SMA Male
REV 2.0
More results


Similar Description - ST2658C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6070 PASTERNACK-PE6070 Datasheet
448Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 12.4 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6072 PASTERNACK-PE6072_17 Datasheet
359Kb / 3P
1 Watt RF Load With Chain Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6077 PASTERNACK-PE6077_16 Datasheet
425Kb / 4P
1 Watt RF Load Up to 26.5 GHz With SMA Male Input Passivated Stainless Steel
PE6078 PASTERNACK-PE6078_16 Datasheet
427Kb / 4P
1 Watt RF Load With Chain Up to 26.5 GHz With SMA Male Input Passivated Stainless Steel
PE6079 PASTERNACK-PE6079_17 Datasheet
354Kb / 4P
1 Watt RF Load Up to 26.5 GHz with SMA Female Passivated Stainless Steel
PE6082 PASTERNACK-PE6082 Datasheet
428Kb / 4P
2 Watt RF Load with Chain Up to 18 GHz with SMA Male Input Passivated Stainless Steel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com