Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST5036 Datasheet (PDF) - Infinite Electronics International, Inc.

ST5036 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST5036
Download  ST5036 Download
File Size   486.77 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ST5036 DATA SHEET RF Load 0.5 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male

ST5036 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST5036 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST5036
Download  ST5036 Click to download

File Size   486.77 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ST5036 DATA SHEET RF Load 0.5 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male

ST5036 Datasheet (HTML) - Infinite Electronics International, Inc.


ST5036 Product details

Features
• DC to 50 GHz Frequency Range
• VSWR 1.45:1 Max
• Max Power 0.5 Watt (CW)
• 2.4mm Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST5036

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST5035 FAIRVIEW-ST5035 Datasheet
519Kb / 3P
RF Load 0.5 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male
REV 2.3
ST5038 FAIRVIEW-ST5038 Datasheet
490Kb / 4P
RF Load 1 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male
REV 2.1
ST5038C FAIRVIEW-ST5038C Datasheet
492Kb / 4P
RF Load 1 Watts To 50 GHz With Chain Passivated Stainless Steel 2.4mm Male
REV 2.0
ST5039 FAIRVIEW-ST5039 Datasheet
470Kb / 3P
RF Load 1 Watts To 50 GHz Passivated Stainless Steel 2.4mm Female
REV 2.1
More results


Similar Description - ST5036

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6070 PASTERNACK-PE6070 Datasheet
448Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 12.4 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6096 PASTERNACK-PE6096 Datasheet
244Kb / 3P
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6085 PASTERNACK-PE6085_16 Datasheet
416Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6086 PASTERNACK-PE6086_16 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6227 PASTERNACK-PE6227_17 Datasheet
379Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
PE6242 PASTERNACK-PE6242_16 Datasheet
447Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com