Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310F8P6TR Datasheet (PDF) - GigaDevice Semiconductor (Beijing) Inc.

GD32F310F8P6TR Datasheet PDF - GigaDevice Semiconductor (Beijing) Inc.
Part # GD32F310F8P6TR
Download  GD32F310F8P6TR Download
File Size   1947.02 Kbytes
Page   81 Pages
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.
Description Arm® Cortex®-M4 32-bit MCU

GD32F310F8P6TR Datasheet (PDF)

Go To PDF Page Download Datasheet
GD32F310F8P6TR Datasheet PDF - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310F8P6TR
Download  GD32F310F8P6TR Click to download

File Size   1947.02 Kbytes
Page   81 Pages
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.
Description Arm® Cortex®-M4 32-bit MCU

GD32F310F8P6TR Datasheet (HTML) - GigaDevice Semiconductor (Beijing) Inc.


GD32F310F8P6TR Product details

General description
The GD32F310xx device belongs to the value line of GD32 MCU family. It is a new 32-bit
general-purpose microcontroller based on the Arm® Cortex®-M4 RISC core with best costperformance
ratio in terms of enhanced processing capacity, reduced power consumption
and peripheral set. The Cortex®-M4 core features implement a full set of DSP instructions to
address digital signal control markets that demand an efficient, easy-to-use blend of control
and signal processing capabilities. It also provides a powerful trace technology for enhanced
application security and advanced debug support.
The GD32F310xx device incorporates the Arm® Cortex®-M4 32-bit processor core operating
at 72 MHz frequency with Flash accesses zero wait states to obtain maximum efficiency. It
provides up to 64 KB on-chip Flash memory and up to 8 KB SRAM memory. An extensive
range of enhanced I/Os and peripherals connected to two APB buses. The devices offer one
12-bit ADC, up to five general 16-bit timers, a PWM advanced timer, as well as standard and
advanced communication interfaces: up to two SPIs, two I2Cs, an I2S, two USARTs.
The device operates from a 2.6 to 3.6 V power supply and available in –40 to +85 °C
temperature range for grade 6 devices, or –40 to +105 °C temperature range for grade 7
devices. Several power saving modes provide the flexibility for maximum optimization
between wakeup latency and power consumption, an especially important consideration in
low power applications.
The above features make the GD32F310xx devices suitable for a wide range of applications,
especially in areas such as industrial control, motor drives, user interface, power monitor and
alarm systems, consumer and handheld equipment, gaming and GPS, E-bike and so on.




Similar Part No. - GD32F310F8P6TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD32F3 ETC2-GD32F3 Datasheet
46Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Caliber Electronics Inc...
GD32F3 CALIBER-GD32F3 Datasheet
51Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
GigaDevice Semiconducto...
GD32F303CCT6 GIGADEVICE-GD32F303CCT6 Datasheet
4Mb / 28P
MCU
GD32F303CET6 GIGADEVICE-GD32F303CET6 Datasheet
4Mb / 28P
MCU
GD32F303CGT6 GIGADEVICE-GD32F303CGT6 Datasheet
4Mb / 28P
MCU
More results


Similar Description - GD32F310F8P6TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
Nuvoton Technology Corp...
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
STMicroelectronics
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com