Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP40-075 Datasheet (PDF) - FLEXTRAL

CP40-075 Datasheet PDF - FLEXTRAL
Part # CP40-075
Download  CP40-075 Download
File Size   3999.24 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description CP40 Compo PTFE Chem Hose SS

CP40-075 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP40-075 Datasheet PDF - FLEXTRAL

Part # CP40-075
Download  CP40-075 Click to download

File Size   3999.24 Kbytes
Page   1 Pages
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL
Description CP40 Compo PTFE Chem Hose SS

CP40-075 Datasheet (HTML) - FLEXTRAL


CP40-075 Product details

Application:
Specifically designed as a universal hose for the transfer of a wide variety of aggressive chemicals
under suction or pressure. CP40 PTFE hoses are used in such applications as transfer for rail and
road tanker, loading and unloading; storage tank and in-plant use. This universal hose can help
eliminate the costly redundancy of inventory to maintain the various hose constructions usually
required. Extremely flexible, easy to handle. All hoses are 100% aromatic resistant, anti-static,
electrically continuous, and can be used for suction or discharge.
CP40 PTFE Meets the European Standards EN 13765:2010 Type 3 (BS 5842:1980), NAHAD
600/2005 and USCG




Similar Part No. - CP40-075

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
logo
Same Sky Devices
CP40 SAMESKY-CP40 Datasheet
1Mb / 15P
PELTIER MODULE
09/12/2024
logo
CUI INC
CP40136 CUI-CP40136 Datasheet
145Kb / 3P
PELTIER MODU LE
CP40136 CUI-CP40136 Datasheet
775Kb / 11P
PELTIER MODULE
More results


Similar Description - CP40-075

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
logo
PHOENIX CONTACT
0321019 PHOENIX-0321019 Datasheet
222Kb / 8P
URTK/SS
logo
Rohm
BD3490FV-E2 ROHM-BD3490FV-E2 Datasheet
614Kb / 5P
Audio Sound Processor for mini compo, micro compo, TV, radio cassette recorder
logo
Sharma Electro Componen...
SS SHARMA-SS Datasheet
340Kb / 2P
SS Series
logo
Ralston Instruments.
QSQS-HOS-6M RALSTON-QSQS-HOS-6M Datasheet
327Kb / 1P
Quick-test 6900 psi hose, SS hose ends, 6 m (19.7 ft) long
logo
3M Electronics
5490 3M-5490 Datasheet
176Kb / 2P
PTFE Extruded Film Tape
Oct-2016
5153 3M-5153 Datasheet
30Kb / 2P
PTFE Glass Cloth Tapes
Jun-2011
5451 3M-5451 Datasheet
318Kb / 2P
PTFE Glass Cloth Tape
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
PTFE FORK INSULATED TERMINAL
11.12.07
8843 KEYSTONE-8843 Datasheet
96Kb / 1P
PTFE FORK INSULATED TERMINAL
3.31.99
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com