Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX410BESA Datasheet (PDF) - Maxim Integrated Products

MAX410BESA Datasheet PDF - Maxim Integrated Products
Part # MAX410BESA
Download  MAX410BESA Download
File Size   224.61 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, 28MHz, Low-Noise,Low-Voltage, Precision Op Amps

MAX410BESA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX410BESA Datasheet PDF - Maxim Integrated Products

Part # MAX410BESA
Download  MAX410BESA Click to download

File Size   224.61 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, 28MHz, Low-Noise,Low-Voltage, Precision Op Amps

MAX410BESA Datasheet (HTML) - Maxim Integrated Products


MAX410BESA Product details

General Description
The MAX410/MAX412/MAX414 single/dual/quad op
amps set a new standard for noise performance in
high-speed, low-voltage systems. Input voltage-noise
density is guaranteed to be less than 2.4nV/√Hz at
1kHz. A unique design not only combines low noise
with ±5V operation, but also consumes 2.5mA supply
current per amplifier. Low-voltage operation is guaranteed
with an output voltage swing of 7.3VP-P into 2kΩ
from ±5V supplies. The MAX410/MAX412/MAX414 also
operate from supply voltages between ±2.4V and ±5V
for greater supply flexibility.
Unity-gain stability, 28MHz bandwidth, and 4.5V/μs
slew rate ensure low-noise performance in a wide variety
of wideband and measurement applications. The
MAX410/MAX412/MAX414 are available in DIP and SO
packages in the industry-standard single/dual/quad op
amp pin configurations. The single comes in an ultrasmall
TDFN package (3mm  3mm).

Applications
Low-Noise Frequency Synthesizers
Infrared Detectors
High-Quality Audio Amplifiers
Ultra Low-Noise Instrumentation Amplifiers
Bridge Signal Conditioning

Features
 Voltage Noise: 2.4nV/√Hz (max) at 1kHz
 2.5mA Supply Current Per Amplifier
 Low Supply Voltage Operation: ±2.4V to ±5V
 28MHz Unity-Gain Bandwidth
 4.5V/μs Slew Rate
 250μV (max) Offset Voltage (MAX410/MAX412)
 115dB (min) Voltage Gain
 Available in an Ultra-Small TDFN Package




Similar Part No. - MAX410BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410BESA MAXIM-MAX410BESA Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410BESA MAXIM-MAX410BESA Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
More results


Similar Description - MAX410BESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
logo
Linear Integrated Syste...
LT1213 LINEAR-LT1213_1 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Linear Technology
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1213 LINER-LT1213_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com