Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST0150A Datasheet (PDF) - Infinite Electronics International, Inc.

ST0150A Datasheet PDF - Infinite Electronics International, Inc.
Part # ST0150A
Download  ST0150A Download
File Size   540.92 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Feed-Thru Load 2 Watts To 1,000 MHz Tri-Metal Plat­ ed Brass BNC Male

ST0150A Datasheet (PDF)

Go To PDF Page Download Datasheet
ST0150A Datasheet PDF - Infinite Electronics International, Inc.

Part # ST0150A
Download  ST0150A Click to download

File Size   540.92 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Feed-Thru Load 2 Watts To 1,000 MHz Tri-Metal Plat­ ed Brass BNC Male

ST0150A Datasheet (HTML) - Infinite Electronics International, Inc.


ST0150A Product details

Features
• DC to 1,000 MHz
• Frequency Range
• VSWR 1.3:1 Max
• Max Power 2 Watts (CW)
• BNC Male to Female
• Coaxial Interface
• Applications:
• Wireless
• SATCOM
• Radar Systems
• Test and Measurement
• Commercial Communication
• Military Communication




Similar Part No. - ST0150A

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST0150 FAIRVIEW-ST0150 Datasheet
480Kb / 4P
Feed-Thru Load 2 Watts To 1,000 MHz Tri-Metal Plat­ ed Brass BNC Male
REV 2.0
More results


Similar Description - ST0150A

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6011-50 PASTERNACK-PE6011-50 Datasheet
185Kb / 2P
50 Ohm 0.5 Watts Brass TNC Male RF Load Up To 1,000 MHz
PE6100 PASTERNACK-PE6100 Datasheet
209Kb / 3P
50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6157 PASTERNACK-PE6157_13 Datasheet
209Kb / 2P
50 Ohm 2 Watts Brass TNC Male RF Load Up To 2 GHz
PE6165 PASTERNACK-PE6165_15 Datasheet
321Kb / 3P
1 Watt RF Load Up To 1,000 MHz With 75 Ohm BNC Male Input Nickel Plated Brass
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com