Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN0614 Datasheet (PDF) - Infinite Electronics International, Inc.

STN0614 Datasheet PDF - Infinite Electronics International, Inc.
Part # STN0614
Download  STN0614 Download
File Size   498.04 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 2 Watts To 6 GHz Tri-Metal Plated Brass N Female

STN0614 Datasheet (PDF)

Go To PDF Page Download Datasheet
STN0614 Datasheet PDF - Infinite Electronics International, Inc.

Part # STN0614
Download  STN0614 Click to download

File Size   498.04 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 2 Watts To 6 GHz Tri-Metal Plated Brass N Female

STN0614 Datasheet (HTML) - Infinite Electronics International, Inc.


STN0614 Product details

Features
• DC to 6 GHz Frequency Range
• VSWR 1.2:1 Max
• Max Power 2 Watts (CW)
• N Female Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - STN0614

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
STN0610 FAIRVIEW-STN0610 Datasheet
473Kb / 3P
RF Load 2 Watts To 6 GHz Tri-Metal Plated Brass N Male
REV 3.0
STN0610C FAIRVIEW-STN0610C Datasheet
474Kb / 3P
RF Load 2 Watts To 6 GHz With Chain Tri-Metal Plat­ ed Brass N Male
REV 2.0
STN0619 FAIRVIEW-STN0619 Datasheet
476Kb / 3P
STN0619 DATA SHEET RF Load 2 Watts To 6 GHz Tri-Metal Plated Brass RP N Male
REV 2.0
More results


Similar Description - STN0614

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6100 PASTERNACK-PE6100 Datasheet
209Kb / 3P
50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6139 PASTERNACK-PE6139_16 Datasheet
335Kb / 3P
5 Watt RF Load Up to 7 GHz with 7/16 DIN Female Tri-Metal Plated Brass
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6229 PASTERNACK-PE6229_16 Datasheet
418Kb / 3P
2 Watt RF Load Up to 6 GHz With TNC Female Input Tri-Metal Plated Brass
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com