Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7206KNC Datasheet (PDF) - Richtek Technology Corporation

RT7206KNC Datasheet PDF - Richtek Technology Corporation
Part # RT7206KNC
Download  RT7206KNC Download
File Size   1023.73 Kbytes
Page   37 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Highly-Integrated USB Type-C Power Delivery Controller with Built-In Blocking N-MOSFET

RT7206KNC Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7206KNC Datasheet PDF - Richtek Technology Corporation

Part # RT7206KNC
Download  RT7206KNC Click to download

File Size   1023.73 Kbytes
Page   37 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Highly-Integrated USB Type-C Power Delivery Controller with Built-In Blocking N-MOSFET

RT7206KNC Datasheet (HTML) - Richtek Technology Corporation


RT7206KNC Product details

General Description
The RT7206KNx series is a USB Type-C Power
Delivery (PD) controller, that mainly utilized in the
secondary side for off-line AC-DC power converters.
Through the high integration of control regulators and
built-in blocking N-MOSFET, more compact designs
are easily implemented. The embedded MCU solution
and Bi-phase Mark Coding (BMC) Transmitter are
incorporated to handle PD Protocol. Furthermore, the
digital-to-analog (DAC) and analog-to-digital (ADC)
converters are introduced to achieve high-precision
control in various applications.
The recommended junction temperature range is
−40C to 125C, and the ambient temperature range is
−40C to 105C.

Features
⚫ Protocol Support
⚫ USB PD3.0 and PPS
⚫ High Integration
⚫ Wide Operating Range from 3.3V to 21V
⚫ Built-In Shunt Regulator for Constant-Voltage
and Constant-Current Regulations
⚫ Built-In Blocking N-MOSFET
⚫ Built-In Quick Discharge in VDD and VBUS
⚫ Built-In VCONN Power and Switch
⚫ Linear Cable Compensation
⚫ Power-Saving Mode Supported
⚫ Embedded MCU with 16kB OTP-ROM
⚫ Embedded BMC Transmitter
⚫ Protection
⚫ VDD Adaptive Overvoltage Protection (OVP)
⚫ VDD Adaptive Undervoltage Protection (UVP)
⚫ VBUS Short-Circuit Protection (SCP)
⚫ CC1/CC2 Overvoltage Protection (IO OVP)
⚫ Overcurrent Protection (OCP)
⚫ Over-Temperature Protection (OTP)

Applications
⚫ USB Type-C PD Controller in Source Application for
Chargers/Adapters of Smartphone, Tablet, Notebook,
and Other Electronics
⚫ USB Type-C PD Controller in Sink Application for IoT
Devices of Power Over Ethernet, Smart Speaker,
Projector, and Other Electronics




Similar Part No. - RT7206KNC

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT72019PN AMPHENOL-RT72019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PW AMPHENOL-RT72019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PX AMPHENOL-RT72019PX Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SN AMPHENOL-RT72019SN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SW AMPHENOL-RT72019SW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results


Similar Description - RT7206KNC

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
Microchip Technology
UPD360 MICROCHIP-UPD360 Datasheet
1Mb / 221P
Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
11/07/16
logo
Rohm
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com